Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 35Page - STMicroelectronics L99PM72GXP Datasheet HTML 36Page - STMicroelectronics L99PM72GXP Datasheet HTML 37Page - STMicroelectronics L99PM72GXP Datasheet HTML 38Page - STMicroelectronics L99PM72GXP Datasheet HTML 39Page - STMicroelectronics L99PM72GXP Datasheet HTML 40Page - STMicroelectronics L99PM72GXP Datasheet HTML 41Page - STMicroelectronics L99PM72GXP Datasheet HTML 42Page - STMicroelectronics L99PM72GXP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
DocID024767 Rev 4
39/129
L99PM72GXP
Detailed description
128
bus was in recessive (high) state or dominant (low) state. In order to wake up the
L99PM72GXP, the following criteria must be fulfilled:
•
The CAN interface wake-up receiver must receive a series of two consecutive valid
dominant pulses, each of which must be longer than tfilter
•
The distance between 2 pulses must be longer than tfilter
•
The two pulses must occur within a time frame of 1.0 ms
Note:
A wake up caused by a message on the bus starts the voltage regulator and the
microcontroller to switch the application back to normal operation mode.
Figure 21. CAN wake up capabilities
Note:
Pictures above illustrate the wake up behaviour from V1_standby Mode. For wake up from
VBat_standby Mode the NRESET signal (with 2 ms timing) is generated instead of the
RXDL(Interrupt) signal.
Wakeup by CAN Frame (WUF)
Wake from CAN TRX_STBY
If the CAN transceiver is in STBY the CAN frame detection logic is active.
In case of a valid wake up frame the Interrupt on pin RxDC is generated and the WUF flag
for wake up identification is set. There is no automatic state transition from CAN Transceiver
point of view. After serving the interrupt the micro can bring the CAN Transceiver into
TRX_NORMAL by setting CAN_ACT = 1 (CR 4).
Wake up from TRX_SLEEP
If the CAN Transceiver is in TRX_SLEEP mode the CAN frame detection logic is disabled.
The wake up can be done in two steps. To enable the CAN frame detection logic a wake up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com