Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 8 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 4Page - STMicroelectronics GS-C200 Datasheet HTML 5Page - STMicroelectronics GS-C200 Datasheet HTML 6Page - STMicroelectronics GS-C200 Datasheet HTML 7Page - STMicroelectronics GS-C200 Datasheet HTML 8Page - STMicroelectronics GS-C200 Datasheet HTML 9Page - STMicroelectronics GS-C200 Datasheet HTML 10Page - STMicroelectronics GS-C200 Datasheet HTML 11Page - STMicroelectronics GS-C200 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8/31
GS-C200 AND GS-C200S DESCRIPTION
The increasing popularity of microprocessors and
their very low cost, have contributed to a fast growth
of stepper motors usage in a large numbers of
application previously covered by more complex,
bulk and expensive DC motors servo loops. The
GS-C200 and the GS-C200S modules have been
conceived to help the industrial designer in design-
ing the stepper motor applications based on micro-
processor control.
These modules are programmable intelligent step-
per motor controllers that coordinate highly com-
plex movements and sequential operations. This
capability is performed through the integration of
sophisticated hardware and an easy to learn and
very functional and powerful programming lan-
guage.
Thanks to this high level programming language,
the power of the instruction set and the ability to
condition and control the program execution
through the USER inputs and outputs, the GS-C200
and GS-C200S drastically reduce the design time
and start-up manufacturing phase of very complex
systems. The GS-C200S offers an advanced and
powerful instruction set that includes also the con-
ditional jump which allows for more efficient pro-
gram-ming. The GS-C200, the GS-C200S and their
companion modules, the GS-D200 and the GS-
D200S, can be used to drive in chopped mode of
bipolar stepper motor with a 2/2.5A maximum
phase current rating.
The two modules (GS-C and GS-D) are available
also on a single Eurocard board named respec-
tively GS-DC200, GS-DC200S and GS-DC200SS
according to the various modules combination (see
the relevant data sheet). In the following the mod-
ules will be generically named GS-C. The specific
module part number will be used when the feature
is unique to that module.
A MOTION SYSTEM ARCHITECTURE
A complete motion system controlled by a host
computer is normally configured as per fig. 3.
Figure 3. A Motion System Block Diagram
The GS-C logical and functional architecture is
shown in fig. 1 and it includes the following basic
blocks:
– Interface to the Host Computer via an RS232
communication port.
– Address and baud rate selection.
– Interface to the Sequencer-Driver (in particular
but not exclusively, to the GS-D200 or GS-
D200S) via 5 output and 3 input lines
– Command Interpreter and Executor.
– Program storage area
– Power Supply.
The above mentioned functions are performed by
the GS-C without the addition of any external com-
ponent, and the module flexibility is further en-
hanced by the use of only one unregulated supply
voltage that can be the same used to supply the
Sequencer-Driver (from 12V up to 40V).
Commands are sent to the module by a Host Com-
puter or by a simple video terminal during the
programming/debugging phase through an RS232
serial port. They are interpreted and validated by
the command interpreter and executed through the
Sequencer-Driver interface.
Command execution can be conditioned and con-
trolled by the status of the USER IN-OUT interface.
A program storage area has been added to perma-
nently store a program in an on-board EEPROM;
this is particulary beneficial to obtain a low cost
stand-alone controller that does not need any con-
nection to an external computer or to store pro-
gr ams fr equently used in complex m otion
sequencies thus reducing the host computer bur-
den and speeding up the system processing.
Particular attention has been given to the simplicity
of the instruction set to allow an easy design of the
system to those designers that are not very familiar
with microprocessor software and programming.
In the following a detailed description of the various
functional blocks is given.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com