Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 12 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 8Page - STMicroelectronics GS-C200 Datasheet HTML 9Page - STMicroelectronics GS-C200 Datasheet HTML 10Page - STMicroelectronics GS-C200 Datasheet HTML 11Page - STMicroelectronics GS-C200 Datasheet HTML 12Page - STMicroelectronics GS-C200 Datasheet HTML 13Page - STMicroelectronics GS-C200 Datasheet HTML 14Page - STMicroelectronics GS-C200 Datasheet HTML 15Page - STMicroelectronics GS-C200 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12/31
To optimize the motor torque during the accelera-
tion and deceleration (t1 and t3) it is convenient to
use a phase current profile as shown in fig. 6.
During the SLEW phase (t2) when the motor rotates
at constant speed, the current is reduced to the
minimum value necessary to compensate the sys-
tem losses (friction) and the load inertia. During the
STALL phase (t0 and t4) the current is further re-
duced to the bare value necessary to maintain the
load in the right mechanical position. By using this
current profile the power dissipation of the Se-
quencer-Driver and motor is optimized.
This profile can easily be implemented by using the
utility signals:
MOV
Movement in execution.
RAMP
Ramp in execution.
Figure 6. Phase Current-Time Profile.
Figure 7. USER Output Applicative Example
The status of these two outputs can be used to set
the appropriate phase current value for the power
driver, by a simple but effective interface circuit that
is described in detail in fig. 11 of paragraph PHASE
CURRENT PROGRAMMING on page 24.
THE USER INTERFACE
The USER interface consists of three inputs and
three outputs which are TTL compatible. They can
be read and/or activated during the execution of a
program under the complete user control; therefore
they condition a program execution.
These signals allow the implementation of complex
movements, minimizing the program length and the
use of external hardware. The start of a movement
or of a sequence can be conditioned by a logic level
applied to one or more inputs, thus performing the
”mechanical tree” function.
The USER outputs logic state is set by program
instructions and this information can be used by
other controllers to synchronize multiple move-
ments or to control external drivers.
By using only these signals, it is possible to build
up simple systems which implement cyclic move-
ments and create a true stand-alone system. The
example reported in figure 7 shows one of the
possible utilization of USER output. The example
refers to a complete motion control system imple-
mented by using the GS-C200 controller and the
GS-D200 Sequencer-Driver. The USER output
UO1 is used to enable the GS-D200 (UO1 High) or
to inhibit it (UO1 Low).
The USER output UO2 is used to select the motor
current decay inherent to the chop mode control of
GS-D200. When UO2 is high a slow decay is im-
posed to the phase current during recirculation;
when UO2 is low a fast decay is selected.
The USER output UO3 allows the selection between
the half and full-step mode of operation of the
GS-D200. Half-step occurs when UO3 is high.
The GS-C200S is capable of executing a jump
command either direct or conditioned by the logic
status of the USER inputs. This capability is very
useful because it allows complex programs to be
written by using a limited number of instructions. This
feature makes also possible to have a segmented
program contained in the internal memory; the selec-
tion and the subsequent execution of the needed
program segment is started by a specific logic status
applied to the USER inputs.
THE S.I.M.P.L.E. COMMAND INTERPRETER
AND EXECUTOR AND THE PROGRAMMING
LANGUAGE
The GS-C modules contain an interpreter program
named S.I.M.P.L.E., acronym for SGS-THOMSON
Interactive Stepper Motor Program Language and
Executor, that recognizes simple mnemonic com-
mands, verifies the correctness of the received com-
mands and executes the instruction sequences of each
command or a complete command sequence by trans-
lation into complex executable instructions. The inter-
preter recognizes three different types of commands:
DIRECT EXECUTION COMMAND
DELAYED EXECUTION COMMAND
UTILITY COMMANDS
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com