Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 30 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 23Page - STMicroelectronics GS-C200 Datasheet HTML 24Page - STMicroelectronics GS-C200 Datasheet HTML 25Page - STMicroelectronics GS-C200 Datasheet HTML 26Page - STMicroelectronics GS-C200 Datasheet HTML 27Page - STMicroelectronics GS-C200 Datasheet HTML 28Page - STMicroelectronics GS-C200 Datasheet HTML 29Page - STMicroelectronics GS-C200 Datasheet HTML 30Page - STMicroelectronics GS-C200 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30/31
The mechanical damping is obtained by the intro-
duction of a viscous friction between the motor shaft
and the load. The friction system must be elastic
and it will recover the original relative angular shaft
alignement to assure the correct final positioning.
The response time of the damping system must be
quite fast, and it must be active just for rapid speed
changes otherwise a severe limitation in the maxi-
mum speed will occur.
The electronic damping is obtained by the proper
driving of the motor phases that are switched on
and off in such a way to generated a negative torque
to decelerate and stop the rotor smoothly. Let’s
assume the motor is moving from position 1 to the
detent position 2, i.e. the phase A is switched OFF
and the phase B is switched ON.
The rotor starts moving at t0 instant (see fig. 22),
and after a time t1, the phase driving is reversed
(phase A ON and phase B OFF) generating a
braking torque that will allow the rotor to approach
the final detent position at a very limited speed.
Before the zero speed is reached, (t2) it is neces-
sary to switch back the phase driving to its original
condition in order to stop the system at its target
position.
Leaving the phase driving unchanged will cause the
motor to stop a step earlier of the correct position
because the motor, after the zero speed is reached,
will accelerate in the reverse direction returning to
the starting position.
The deceleration time as well the damping level is
easily adjusted by changing the timing i.e. t1 and t2,
but it can be quite complicate to compensate a
system where large load variation occurs.
Figure 22. Single Step Response with Damping.
In fact, an heavy load variation causes a large
variation of the single step response time of the
system, and it could be that a system compensated
in a no load condition will stop one step behind
when fully loaded, while another compensated at
full load will probably exibits erratic positioning at
no load.
If the load condition isknown it is possible to introduce
a compensation circuit that can be conveniently
driven by one or more User outputs. Fig. 22 shows
the motor response to a single step pulse with elec-
tronic damping and the relative phase driving. This
phase switching reversal method is also known as
the bang-bang damping method, and it can be easily
implemented by using the GS-C module.
The RAMP and MOV signals allow the user to
detect when the last pulses are issued, and to
generate, by a simple logic circuit, the delayed
phase reversal commands necessary to implement
the sequence of fig. 23.
The circuit uses a last pulse detector (G1), and on
the falling edge of the A signal (synchronous to the
last step command), a timing generator is triggered.
The various delays can be trimmed to the values
requested by the operating conditions, and the
pulse sequence reported in figure 23 (A, B and C
signals) in generated.
The Aand B signals are used to reverse the motion
direction (G2) while the C signal steps twice the
motor (backward and forward).
steps
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com