Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 2 Page - STMicroelectronics

  GS-C200 Datasheet HTML 1Page - STMicroelectronics GS-C200 Datasheet HTML 2Page - STMicroelectronics GS-C200 Datasheet HTML 3Page - STMicroelectronics GS-C200 Datasheet HTML 4Page - STMicroelectronics GS-C200 Datasheet HTML 5Page - STMicroelectronics GS-C200 Datasheet HTML 6Page - STMicroelectronics GS-C200 Datasheet HTML 7Page - STMicroelectronics GS-C200 Datasheet HTML 8Page - STMicroelectronics GS-C200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2/31
ELECTRICAL CHARACTERISTICS (TA = 25C and Vs=24V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Vs
DC Supply Voltage
12
40
V
Is
Quiescent Supply Current
80
mA
Vi
Logic Input Voltage
(TTL compatible)
Low
High
2
0.8
5
V
V
Vo
Logic Output Voltage
(TTL compatible)
Low
High
2
0.8
5
V
V
tcpw
Clock Pulse Width
5
µs
trpw
Reset Pulse Width (Internal)
500
µs
COMMUNICATION PORT CHARACTERISTICS
SIGNAL LINES
3 (TxD, RxD, GND)
BAUD RATE RANGE
110 to 9600
FORMAT
1 Start Bit
7 Data Bit
2 Stop Bit
Odd parity
MOTION CHARACTERISTICS
SPEED RANGE
10 to 10000 steps
SPEED RESOLUTION
10 steps
RAMP LENGHT
1 to 999 steps
RAMP RESOLUTION
1 step
POSITIONINGRANGE(C200)
(C200S)
0 to 9999999
– 8388608 to + 8388607
SINGLE MOVEMENT RANGE
1 to 999999 steps
POSITIONING RESOLUTION
1 step
POSITIONINGREPEATIBILITY
+/– 0 step
PROGRAM STORAGE
CAPABILITY
119 bytes
STORAGE CAPACITY
MINIMUM NUMBER OF COMMANDS
30
MAXIMUM NUMBER OF COMMANDS
45
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com