Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 14 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 10Page - STMicroelectronics GS-C200 Datasheet HTML 11Page - STMicroelectronics GS-C200 Datasheet HTML 12Page - STMicroelectronics GS-C200 Datasheet HTML 13Page - STMicroelectronics GS-C200 Datasheet HTML 14Page - STMicroelectronics GS-C200 Datasheet HTML 15Page - STMicroelectronics GS-C200 Datasheet HTML 16Page - STMicroelectronics GS-C200 Datasheet HTML 17Page - STMicroelectronics GS-C200 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14/31
Command
Description
Ax
The Activate command sets a User output to the active logic level ”one”.
The command is always followed by an argument whose value ranges between 1 and 3, and that
specifies the User output to be activated. The command string:
A2
↓
causes the UO2 output to be set to the logic level ”one”.
The Activate command is of the delayed execution type and it occupies 2 memory locations.
Cx
The Clear command clears a User output, i.e it forces the logic level to ”zero”.
The command is always followed by an argument whose value ranges between 1 and 3, and that
specifies the User output to be cleared.
The command string:
C3
↓
cleares the UO3 output by forcing it to the logic level ”zero”.
The three USER outputs are automatically cleared at power-up.
The Clear command is of the delayed execution type and it occupies 2 memory locations.
Dvvv
The Delay command allows the execution of a delay.
The instruction is always followed by an argument whose value ranges between 1 and 255, and that
specifies the duration in tenth of sec. of the delay to be executed.
The command string:
D15
↓
causes a 1.5 seconds delay to be executed before the next instruction is considered.
The Delay command is of the delayed execution type and it occupies 2 memory locations.
E
The Execute command starts the execution of the program stored in memory.
It is also used to terminate the GS-C200 programming session and no argument is required.
The Execute command is of the immediate execution type.
F
The Feedback command allows the host computer to know whether the controller is ready to
receive a command or not. To comply with this request, the GS-C replies by:
B
↓ (Busy)
in case it is executing a program, or:
R
↓ (Ready)
if it is ready to receive a command, or:
E5
↓ (Error)
This latter answer, used only by the GS-C200, indicates that during the program execution the
position counter has reached the overflow condition (i.e. > 9999999).
The feedback command is of the immediate execution type.
fsxxxxxxx** The force command, executable only by the GS-C200S, allows the user to preset the position
counter to the desired value.
This command is always followed by the sign and the value of the position that spans from
– 8388608 to + 8388607.
The force command is of the delayed/immediate execution type and it occupies 4 memory
locations.
Gxxxxxxx *
The Goto command forces the motor to reach the specified target position.
This command, executed exclusively by the GS-C200, is always followed by an argument whose
value ranges between 0 and 9999999, and it defines the position to be reached.
The 0 position coincides with the Home position or with the position where an Initialize command
has been sent.
The Goto command is of the delayed execution type and it occupies 4 memory locations.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com