Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 15 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 11Page - STMicroelectronics GS-C200 Datasheet HTML 12Page - STMicroelectronics GS-C200 Datasheet HTML 13Page - STMicroelectronics GS-C200 Datasheet HTML 14Page - STMicroelectronics GS-C200 Datasheet HTML 15Page - STMicroelectronics GS-C200 Datasheet HTML 16Page - STMicroelectronics GS-C200 Datasheet HTML 17Page - STMicroelectronics GS-C200 Datasheet HTML 18Page - STMicroelectronics GS-C200 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15/31
Command
Description
Gs *
The ”velocity mode” Goto command allows to move the motor continuously, i.e. the motor is
accelerated to the programmed speed and then it slews indefinitely in the selected direction until a
”stop” command is received.
The command is always followed by the direction information.
The command string :
G+
↓
move the motor in the clockwise direction while:
G–
↓
move the motor in the counterclockwise direction. To stop the motor either the Z or the K command
can be used.
The ”velocity mode” Goto command is of the delayed execution type and it occupies 4 memory
locations.
Gsx *
A further possibility offered by the Goto command, that greatly improves the GS-C200 flexibility, is
the ”controlled velocity mode” operation.
This command is followed by the direction information and by the User input to be tested to stop the
operation.
This occurs when a ”zero” level is applied to the specified User input. For example the command
string:
G+2
↓
causes the motor to ramp to the programmed slew speed and to move at this speed until the UI2
input is brought to ”zero”.
The ”controlled velocity mode” Goto command is of the delayed execution type and it occupies 4
memory locations.
Gsxxxxxxx** The Goto command forces the motor to reach the specified target position.
This command, executed exclusively by the GS-C200S, is always followed by an argument whose
value ranges from – 8388608 and + 8388607, and it defines the position to be reached.
The 0 position coincides with the Home position or with the position where an Initialize command
has been sent.
The Goto command is of the delayed execution type and it occupies 4 memory locations.
gs **
The ”velocity mode” Goto command allows to move the motor continuously, i. e. the motor is
accelerated to the programmed speed and then it slews indefinitely in the selected direction until a
”stop” command is received.
g+1
↓
move the motor in the clockwise direction while:
g–
↓
move the motor in the counterclockwise direction.
To stop the motor either the Z or the K command can be used.
The ”velocity mode” Goto command is of the delayed execution type and it occupies 4 memory
locations.
gsx **
An additional possibility offered by the Goto command, further improving the GS-C200S flexibility, is
the ”controlled velocity mode” operation.
This command is followed by the direction information and by the User input to be tested to stop the
operation.
This occurs when a ”zero” level is applied to the specified User input. For example the command
string:
gt1
↓
causes the motor to ramp to the programmed slew speed and to move at this speed until the UI1
input is brought to ”zero”.
The ”controlled velocity mode” Goto command is of the delayed execution type and it occupies 4
memory locations.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com