Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 27 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 23Page - STMicroelectronics GS-C200 Datasheet HTML 24Page - STMicroelectronics GS-C200 Datasheet HTML 25Page - STMicroelectronics GS-C200 Datasheet HTML 26Page - STMicroelectronics GS-C200 Datasheet HTML 27Page - STMicroelectronics GS-C200 Datasheet HTML 28Page - STMicroelectronics GS-C200 Datasheet HTML 29Page - STMicroelectronics GS-C200 Datasheet HTML 30Page - STMicroelectronics GS-C200 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27/31
Figure 15. Torque/Frequency Characteristic.
The Slew speed is also limited by the motor electri-
cal and physical characteristics, as shown on Fig.
15 where the behaviour of the minimum available
torque versus the driving frequency is reported.
It can be noted that the torque decreases almost
linearly starting from a certain frequency, and this
frequency depends on the motor windings imped-
ance and the rotor inertia.
Figure 16. The GS-C200 Acceleration Ramp.
RAMP LENGHT (R command) SELECTION
The acceleration and deceleration ramps are not
likely to be calculated and they shall be optimized
during the system debugging and testing phase.
The testing may start with very conservative ramp
gradients, i.e. very long ramps, that will be gradually
shortened until the first positioning error is detected.
The acceleration and deceleration ramps gener-
ated by the GS-C have the trend shown in fig. 16.
It is important to note that, when the number of
steps to be executed does not allow to reach the
Slew speed, the GS-C moves to the target position
performing a partial acceleration ramp linked to a
shortened deceleration ramp. This represents the
minimum time consuming way to reach the speci-
fied position.
CLOSED LOOP OPERATION
The stepper motor is a device normally driven in an
open loop mode and there is no direct control
between the cause and the effect. In adverse con-
ditions an issued step may not be performed me-
chanically because the driving conditions do not
match the required torque and speed. In addition,
the resonance phenomenon, common to all the
stepper motors, can also affect the correct position-
ing.
In some particular applications, when the load has
a very large spread of values and the torque margin
is limited, it is sometimes necessary to implement
an external electronic circuitry to guarantee the
correct system positioning
To this purpose three different methods can be
adopted:
a) Digital encoding of the absolute position.
b) Recognition that a step has been executed by
the usage of a slotted disk, two optocouplers
and some logic.
c) The same as above by the usage of velocity coils
and some logic.
The first solution is very expensive and the digital-
ized position value must be read by the computer
through a parallel port by using a specifically written
program. A further limitation arises from the fact
that every shaft encoder provides just the informa-
tion relative to the position but it does not take care
if more than one turn has been performed by the
motor shaft, and an external logic is also required
to detect and save this condition.
The second solution is less expensive but it requires
a tedious trimming of the mechanical positioning of
the optical sources and detectors to be effective.
The major drawback of this solution is its sensitivity
to dust, and the whole position sensing system
must be contained in a dust free box.
The last solution is probably the best under every
point of view because it does not require any me-
chanical positioning adjustement that has been
previously made by the motor manufacturer; more-
over it is dust insensitive beeing based on flux
variation across an air gap and finally no mechani-
cal hardware must be added to the system.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com