Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 4 Page - STMicroelectronics

  GS-C200 Datasheet HTML 1Page - STMicroelectronics GS-C200 Datasheet HTML 2Page - STMicroelectronics GS-C200 Datasheet HTML 3Page - STMicroelectronics GS-C200 Datasheet HTML 4Page - STMicroelectronics GS-C200 Datasheet HTML 5Page - STMicroelectronics GS-C200 Datasheet HTML 6Page - STMicroelectronics GS-C200 Datasheet HTML 7Page - STMicroelectronics GS-C200 Datasheet HTML 8Page - STMicroelectronics GS-C200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4/31
PIN DESCRIPTION
Pin
Function
Description
1
SEL0
Protocol/address LSB select input
2
SEL1
Protocol/address SSB select input
3
SEL2
Protocol/address MSB select input
4
BR0
Baud rate LSB select input
5
BR1
Baud rate SSB select input
6
BR2
Baud rate MSB select input
7
CHS
Checksum enable input
8
GND
Ground
9
REC
Program autorecall input
10
Must be connected to pin 8
11
RXD
RS232 received data input
12
TXD
RS232 transmitted data output
13
TXPD
Transmitted data pull-down resistor
14
RDY
Status logic output
15
–VSL
Unregulated –12V supply output (note 1)
16
+VSL
Unregulated +12V supply output (note 1)
17
Vs
Supply voltage input
18
Vs
Supply voltage input
19
GND
Ground
20
5V
5V Auxiliary output (note 2)
21
5V
5V Auxiliary output (note 2)
22
MOV
Motor moving logic output
23
RAMP
Motor ramping logic output
24
ENABLE
Stop enable logic input
25
Not connected
26
DIR
Direction selection logic output
27
RESET
Power driver Reset logic output
28
CLOCK
Step clock logic output
29
Not connected
30
HOME
Home position logic input
31
UO1
User 1 logic output
32
EOT
End of travel switch logic input
33
UO2
User 2 logic output
34
UI1
User 1 logic input
35
UO3
User 3 logic output
36
UI2
User 2 logic input
37
UI3
User 3 logic input
38
GND
Ground
Notes: 1 – Maximum available current is 10mA
2 – Maximum available current is 100mA
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com