Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GS-C200 Datasheet HTML 2Page - STMicroelectronics GS-C200 Datasheet HTML 3Page - STMicroelectronics GS-C200 Datasheet HTML 4Page - STMicroelectronics GS-C200 Datasheet HTML 5Page - STMicroelectronics GS-C200 Datasheet HTML 6Page - STMicroelectronics GS-C200 Datasheet HTML 7Page - STMicroelectronics GS-C200 Datasheet HTML 8Page - STMicroelectronics GS-C200 Datasheet HTML 9Page - STMicroelectronics GS-C200 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6/31
Pin
Function
28
The CLOCK Step clock output is used to inform the Sequencer-Driver to perform a step. The direction
(clockwise or counterclockwise) is defined by the logic status of the DIR output. In steady conditions, the
CLOCK is at the ”one” logic level, and the step is represented by a negative going pulse with a 1.7
µs
duration.
30
The HOME Home position input allows the system to find its reference point. This input can be driven by
a mechanically activated contact indicating the ”zero” position. It is normally used together with the EOT
End-of-travel signal.
31
The UO1 User output 1 is intended for user purposes. The status of this output can be set and cleared
under program control and it can be used for various functions. It is normally used for the control of
external devices, the selection of the Sequencer-Driver operating mode, or the synchronization of
complex movements.
32
The EOT End-of-travel input allows, in combination with the HOME input, the correct mechanical
initialization of the system. For this purpose it must be brought to the ”zero” logic level when the system
reaches the run end position.
33
The U02 User output 2 is intended for user purposes. See pin 31 description.
34
The UI1 User input is intended for user purposes. The status of this input can be read by the Host
Computer or tested during the program execution, and used to condition the start of a movement, the
execution of a specific portion of a program (GS-C200S only), or any other similar operation.
35
The UO3 User output 3 is intended for user purposes. See pin 31 description.
36
The UI2 User input 2 input is intended for user purposes. See pin 34 description.
37
The UI3 User input 3 input is intended for user purposes. See pin 3 and pin 4 description.
38
See pin 8.
Figure 2. GS-C Timing Diagram
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com