Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-C200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-C200
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-C200 Datasheet HTML 1Page - STMicroelectronics GS-C200 Datasheet HTML 2Page - STMicroelectronics GS-C200 Datasheet HTML 3Page - STMicroelectronics GS-C200 Datasheet HTML 4Page - STMicroelectronics GS-C200 Datasheet HTML 5Page - STMicroelectronics GS-C200 Datasheet HTML 6Page - STMicroelectronics GS-C200 Datasheet HTML 7Page - STMicroelectronics GS-C200 Datasheet HTML 8Page - STMicroelectronics GS-C200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
GS-C200
GS-C200S
INTELLIGENT STEPPER MOTOR CONTROLLERS
June 1994
1/31
DESCRIPTION
The GS-C200 and GS-C200S are powerful stepper
motor control modules that interface every power
sequencer/driver available on the market.
A sophisticated hardware and an easy to learn
programming language result in minimal develop-
ment and debugging time of motion control sys-
tems. The modules are supported by dedicated
software that includes both an on-screen editor and
a debugger that greatly improve the module ease
of use.
The instruction sets comprise respectively 25 (GS-
C200) and 29 (GS-C200S) different commands
FEATURES
Absolute and incremental positioning
Up to 999,999 step per move
Speed range to 10,000 steps/s
Ramp lenght to 999 steps
Single unregulated supply voltage
Index and velocity mode
Automatic and Home positioning
Loops and Delay execution
Conditional start and stop
Status feedback to the host
RS232 communication port
Point to point and Multipoint protocol
Closed loop operation
Counter preset (GS-C200S only)
Jump to (GS-C200S only)
Jump to on-condition (GS-C200S only)
Initialization during execution (GS-C200S only)
Auxiliary output voltages +5V,
± 12V
which can be executed either under host control or
in a stand alone environment. An on board EE-
PROM is used for program saving and retrieving.
The availability of three User inputs and three
programmable User outputs, each of which can be
tested or set under program control, assures to the
designer a high level of system power and flexibility.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
DC Supply Voltage
42
V
Tstg
Storage Temperature Range
–40 to + 85
°C
Top
Operating Temperature Range
0to + 50
°C
Humidity (non condensing)
0to 90
%


Similar Part No. - GS-C200

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
GS-C50-N18L-A GSYUASABATTERY-GS-C50-N18L-A Datasheet
1Mb / 1P
Capacity (10-hour) 20Ah
GS-C50-N18L-A2 GSYUASABATTERY-GS-C50-N18L-A2 Datasheet
182Kb / 1P
Capacity (10-hour) 20Ah
GS-C50-N18L-A3 GSYUASABATTERY-GS-C50-N18L-A3 Datasheet
1Mb / 1P
Capacity (10-hour) 20Ah
GS-C60-N24-A GSYUASABATTERY-GS-C60-N24-A Datasheet
1Mb / 1P
Capacity (10-hour) 28Ah
GS-C60-N24L-A GSYUASABATTERY-GS-C60-N24L-A Datasheet
1Mb / 1P
Capacity (10-hour) 28Ah
More results

Similar Description - GS-C200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L297 STMICROELECTRONICS-L297 Datasheet
102Kb / 11P
STEPPER MOTOR CONTROLLERS
Aug-1996
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830 Datasheet
488Kb / 23P
INTELLIGENT STEPPER MOTOR DRIVER
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830_05 Datasheet
514Kb / 24P
INTELLIGENT STEPPER MOTOR DRIVER
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
STMicroelectronics
L297D013TR STMICROELECTRONICS-L297D013TR Datasheet
173Kb / 11P
STEPPER MOTOR CONTROLLERS
Dec-2001
logo
TRINAMIC Motion Control...
TMC429 TRINAMIC-TMC429_16 Datasheet
1Mb / 83P
Intelligent Triple Stepper Motor Controller
TMC603A TRINAMIC-TMC603A_16 Datasheet
886Kb / 37P
Intelligent Triple Stepper Motor Controller
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
STEPPER MOTOR
17HS19-0406S STEPPERONLINE-17HS19-0406S Datasheet
130Kb / 1P
STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com