Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 14Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 15Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 16Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 17Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 18Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 19Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 20Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 21Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 22Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
18.eps 175 lpi
45˚
black
To change the position of the icons
Press [
,
] to select the Bar Position icon.
Press [
,
] to move the icons.(There are 5 positions).
Press [
,
] to select the item.
Press [
,
] to select the setting.
Play Menu
Picture Menu
Audio Menu
Display Menu
While the leftmost icon is highlighted
Press [
,
] to select the menu.
Each time you press the button:
2
3
4
3
2
1
45
6
7
0
9
10
8
CANCEL
DISPLAY
ENTER
RETURN,
QUICK REPLAY
Numbered
buttons
Using On-Screen Menu lcons
Unit information only
To clear the menus
Press [RETURN] until the menus disappear.
Disc information
Press [DISPLAY].
Each time you press the button:
Disc information(
right)
Progress indicator(
page20)
Unit information(
page19 )
1
Common procedures
On-Screen Menu lcons are menus that contain information about
the disc or unit and allow you to perform operations by changing
this information.
Change items with
or
above and below with [
,
]
(press [ENTER], if the setting doesn't change).
Change numbered items with the numbered buttons and press
[ENTER].
Depending on the condition of the unit (playing, stopped,etc.)
and the type of software,there are some items that you cannot
select or change.
Read the following explanations for other items.
Still picture number
Selected picture is shown during play.
Slideshow setting
Slideshow timing
Angle number(
page 15)
PG: Program number PL: Play list number
T: Title number
C: Chapter number
T: Track number
G: Group number
T: Track number in group
G: Group number
P: Picture number in group
ON
OFF
ON
OFF
ON
OFF
0 30 sec
e.g.
Time
Track number in disc/Total number of tracks on
disc.
Picture number in disc/Total number of pictures on
disc.
Menu play
Indicates whether menu play(PBC) is on or off
Audio mode(
page 15,Soundtracks)
Soundtrack language
(See
on page 15 for language abbreviations).
Audio signal type
(See
on page 15 for details.)
Karaoke vocal on/off (Karaoke DVD only)
Solo: OFF or ON
Duet:OFF,V1+V2,V1 or V2
Current bitrate
Current sampling frequency
Subtitle language
(See
on page 15 for language abbreviations.)
Subtitle on/off
Track information on/off
(CD text only)
Picture information
Full:Group title, picture title, picture size, date of shooting,
and camera model used.
Date: Date of shooting only.
OFF: No display.
Actual displays depend on the camera and data.
Press[
,
]to show the elapsed play time or remaining
time for the program,play list,group,track or title(or
chapter during program and random play).
Select a position to start play by specifying a time with
the numbered buttons and press [ENTER].
Changing the time display
Press [
,
] to show the elapsed play time, remaining
time for the track, or remaining time for the disc.
Elapsed play time
(SVCD only)
For display only,cannot be changed.
-
-
-
-
-
-
-
Cancel On-Screen Menu
Icons display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com