Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 26 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 26 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 22Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 23Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 24Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 25Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 26Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 27Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 28Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 29Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 30Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
26.eps 175 lpi
45˚
black
TV Aspect
(
page 10)
Choose the setting to suit your television and preference.
PAL60:When connected to a PAL television
NTSC
When connected to an NTSC television
(For Asia:
NTSC
is the factory preset.)
Audio
Speaker Setting
(
Page 27)
Select settings according to the audio system and the listening environment.
Audio(MP3/WMA)
Stills(JPEG)
Change settings
Menus
Disc
Audio
Choose the audio language.
Subtitle
Choose the subtitle language.
Menus
Choose the language for disc menus.
Video
Still Mode
Specify the type of picture shown when paused.
NTSC Disc Output
Choose PAL 60 or NTSC output when playing NTSC discs (
page 4 Video
systems)
Dynamic Range Compression (Dolby Digital only)
Change the dynamic range for late night viewing.
Audio during Search
Choose whether to have sound during search.
Display
Menu Language
Choose the language for these menus and the on-screen messages.
On-Screen Messages
Choose whether to show on-screen messages or not.
Others
Mixed Disc
Audio & Stills
Select the type of file played on discs containing both JPEG and WMA/MP3.
(Reload the disc for the setting to be effective).
Yes
No
On
Off
On
Off
Off
On
Automatic
Field
Frame
4:3 Pan & Scan
4:3 Letterbox
16:9
Setting ratings(When level 8 is selected)
8 No Limit
1 to 7
0 Lock All
Changing ratings(When level 0-7 is selected)
Unlock Player
Change Password
Change Level
Temporary Unlock
English
( Language options)
Other
English
( Language options)
Original
Other
Automatic
English
( Language options)
Others
Various settings of the unit are listed in the table. You can change these settings to suit your preferences and requirements. These settings are
stored in the unit and do not change even if you shut down the unit. For details, see common operation procedures on page 27.
Enable: Play HighMAT discs as it is.
Disable: Play HighMAT discs as ordinary
WMA /MP3 /JPEG discs.
HighMAT
Play HighMAT discs as HighMAT or as regular WMA/MP3/JPEG discs
(Reload the disc to activate the setup).
DVD-Video Mode
Select picture play mode in DVD-Audio CD. Once the CD is removed or the
unit is turned off, the setting will return to OFF status.
QUICK SETUP(
page10
)
Answer questions to make basic settings.
Off: Play DVD-Audio as it is.
On: Play the DVD-Video contained in the DVD-
Audio discs.
Ratings
(
page 27
)
Set a ratings level to limit DVD-Video play.
The password screen is shown if you choose levels 0 to 7 or if you
choose Ratings when levels 0 to 7 have been selected.
Select Level 0 to prevent play of discs that do not have ratings levels
recorded on them.
Items
French
German
Italian
Spanish
Portuguese
Swedish
Dutch
Chinese
Options
(Underlined items are the factory preset)
Language options
1
2
3
4
5
6
7
7
2
2
5
1
2
3
4
4
5
6
TV Type
Select in accordance with the type of TV.
Standard (Direct View TV)
CRT Projector
LCD TV/ Projector
Projection TV
Plasma TV
English
Français
Deutsch
Italiano
Español
Português Svenska
Nederlands
English
The original language of each disc is selected.
Input a code number with the numbered buttons(
page 29)
If the language selected for Audio is not available, subtitles of
that language will automatically appear if available on that disc.
Units for Russia.
Prohibits play of DVD-Video with corresponding ratings recorded
on them.
Multi-channel:
Center Delay:
0/1.3/2.6/3.9/5.3ms
Surround(L/R) Delay: 0/5.3/10.6/15.9ms
Audio will be heard when playing some DVD-Audio despite the
settings you make here.
Units for Asia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com