Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 3Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 4Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 5Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 6Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 7Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 8Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 9Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 10Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
07.eps 175 lpi
45˚
black
Warning
The speakers can be operated only together with the
recommended devices, otherwise, the amplifier or
speakers may be damaged, even leading to a fire.
If there is any damage or you feel that there is certain
abrupt change, consult professional maintainers
Never hang these speakers in methods other than
those described in the operating instruction.
Precautions on speaker operation
If the speakers are operated at high volume for long term, they
may be damaged and their service life may be shortened.
In following conditions, please reduce the volume in order to
avoid damage.
- When the speakers give out distorted sound.
- When speakers receive the whistle form microphone or record
player, the noises from the FM radio, or the continuous signals
from oscillator, testing disc or electronic instruments.
- When sound quality is being adjusted.
- When you switch on or off the unit.
Attaching to a wall
2. Fix the speakers upon the screws through the
holes in the speakers
30-35mm
7.5-9.0mm
8-11mm
wall
level layout
Other methods for installation of center speakers and surround speakers
How to install the baseplate of front speaker and how to use the rear clip
Note
The walls or beams for hanging speakers should be capable of bearing a weight of 10kg.
The wall sur face must be
able to support over 30kg.
1. Screw the screws (not included) into
the wooden walls.
How to use the clip behind speaker
If there are abnormal colors on the television
Although these speakers are designed to be located near
televisions, with some combinations of television and
equipment, the image may be affected.
If this happens, switch off the television for about 30
minutes.
The demagnetizing function of television can correct the problem;
if the problem remains the same, locate the speakers farther
from the television.
E.g.Central Speaker
200mm
200mm
Screw
Intallation method of
front speaker baseplate
when installing,please avoid the speaker
falling over.
The installation is requested to perform on a blanket or a
floor covered with soft cloth for fear of damaging the
speakers.
Reverse the front speaker box , and place the baseplate
on the speaker (with the foot pads upward), and 3 holes
in the baseplate should be aligned to the 3 holes in the
speaker accordingly .
The screws attached to this packing box are used to place
into the 3 holes. Use a screw driver to screw up the 3
screws until the baseplate and speaker tightly joined and
secure.Please use proper strength, otherwise,the hole will
be damaged.
Reverse the installed speaker, so that the unit is ready for
use.
The speaker is equipped with clip at its upper rear, which may
be used to prevent the speaker from falling.
User may tie the clip to a solid string, strain and fix the string
onto wall behind the speaker or other solid objects.
wall screw (not included)
Speaker clip
blanket
String
(not included)
wall
approx. 150mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com