Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 22 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 22 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 18Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 19Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 20Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 21Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 22Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 23Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 24Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 25Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 26Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
22.eps 175 lpi
45˚
black
Sound field
DOLBY DIGITAL and DTS
Dolby Digital and DTS are adopted for the digital coding system
in DVD for bearing the surround. They both were developed for
cinemas.
The unit can automatically identify and decode these codes.
The software, which is coded
by Dolby Digital, is provided
with the tag.
The software, which
is coded by DTS, is
provided with the tag.
Play Dolby Digital and DTS signal source
Dolby Digital or DTS indicator lights.
To mix Dolby Digital or DTS (5.1 channel)signal into double
channels.
Press [D.MIX].
To cancel it, Press [D.MIX]
It enables you to feel that the sound from the center speaker is being
produced by the television.
Press [C. FOCUS]
When super surround is in operation, this function does not work.
When Dolby Pro Logic is on, the effect of the function is worse.
SOUND FIELD CONTROL
Press [SFC] to select a setting.
Each time you press the button, the settings varies as follows:
HEAVY: to increase the forcefulness of rock music.
CLEAR: to obtain distinct treble zone.
SOFT: for background
FLAT: to cancel (no effects added) (factory preset).
To check current setting:
Press [SFC].
CENTER FOCUS
If the unit is connected to headphone, Dolby Pro Logic, super
surround, center focus and subwoofer adjustment are impossible
to use.
When these systems of sound field are commonly used together
with other certain signal sources, sound quality will be worse.
Here you should turn off the system of sound field.
PROG.
CSM
AAC
C.F
ZOOM
PL SFC SSS
VOLUME
DOWN,UP
SURROUND
SELECTOR
3
2
1
45
6
7
0
9
10
8
SELECTOR
SFC
C.FOCUS,
CH.SELECT
SURROUND,
DELAY
TEST
SHIFT
VOLUME
,
L-BALANCE-R
ENTER
D.MIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com