Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  SC-HT600 Datasheet HTML 1Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 2Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 3Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 4Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 5Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 6Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 7Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 8Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
05.eps 175 lpi
45˚
black
The way in which the speakers are laid out will
have influence upon bass and sound field; the aspects
below should be regarded:
Locate speakers on level and reliable floor.
If the speakers are located too closely to floors, walls, or
corners, extra bass will be generated, shield the walls and
windows with thick curtains.
Example
2
3
4
5
6
1
2
3
4
5
6
1
Handy setting
Front
speaker
(left)
Front
speaker
(right)
Surround
speaker
(left)
Surround
speaker
(right)
The front speakers are the same as the surround speakers.
Locate the front, center and surround speakers at spots with approximately equal distance from the listening area. The angles in the figure are
only rough.
Only the attached speakers can be adopted.
If other speakers are used, the unit may be damaged, and
affect the sound quality.
Locate speakers on level and reliable plane in case of falling. If you
can not locate them on level planes, take suitable measures to
prevent the unit falling.
Main unit
To ensure good ventilation, the speaker and main unit must be
kept at least 10 cm apart.
Center speaker
It is acceptable to put the speaker directly under the television.
If the middle speaker is placed directly on the television, the
generated vibration may cause graphics image distortion.
Active Subwoofer
It should be located on the ground or stable support to the left of
television for fear of generating vibration.
To the right side of active subwoofer, there should be a space of
10cm in order to ensure the effective operation of the amplifier,
and to the back panel of active subwoofer, there should be a space
of 10cm in order to ensure ventilation.
Front speaker
(left)
Front speaker
(right)
Surround
speaker
(left)
Surround
speaker
(right)
Center
speaker
Center
speaker
Example
Step
Layout
Active
Subwoofer
Active
Subwoofer
Optimal location for enjoyment
SB-FS600
SB-PC600
SB-WA600
SB-FS600
SB-FS860
SB-PC600
SB-WA600
Main unit
Main unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com