Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  SC-HT600 Datasheet HTML 1Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 2Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 3Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 4Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 5Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 6Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 7Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 8Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
03.eps 175 lpi
45˚
black
Glossary..................................................................................29
Troubleshooting guide ...........................................................30
Maintenance.............................................................................31
Specifications...........................................................Back cover
Table of contents
IMPORTANT SAFETY INSTRUCTIONS
Getting started
Basic operations
Reference
Accessories ............................................................................ 2
IMPORTANT SAFETY INSTRUCTIONS.................................... 3
Disc information...................................................................... 4
Handy setting
Step 1: Layout ................................................................................. 5
Step 2: Connect the speakers................................................................. 6
Other methods for installation of center speakers and surround speakers..................... 7
How to install the baseplate of front speaker and how to use the rear clip.......................... 7
Step 3: Connect to television................................................................... 8
Step 4: Connect the Active subwoofer, antenna and AC power cord...................... 9
Step 5: Remote control.......................................................................... 9
Step6: Quick setup..............................................................................10
Control reference guide..........................................................11
Disc
Basic play................................................................. 12
Disc
Convenient functions............................................... 14
Navigation menus...................................................................16
Using On-Screen Menu lcons.................................................18
Radio operations
Radio ..................................................................................... 21
Manual tuning......................................................................... 21
Preset tuning........................................................................... 21
Sound field/Sound quality
Sound field............................................................................ 22
DOLBY DIGITAL and DTS............................................... 22
SOUND FIELD CONTROL............................................... 22
CENTER FOCUS............................................................. 22
DOLBY PRO LOGIC........................................................ 23
SUPER SURROUND SOUND......................................... 23
Volume control of speaker................................................23
Sound quality....................................................................... 24
Adjust the woofer............................................................. 24
Double re-master
enjoying more natural sound................................... 24
Virtual Rear Surround....................................................... 24
Other functions
Convenient functions............................................................. 25
Muting the volume...............................................................25
Setting the unit to turn off
SLEEP timer...........................25
Use headphones................................................................ 25
Use Karaoke...................................................................... 25
Change settings..................................................................... 26
Common procedures...........................................................27
Entering password (Ratings).............................................. 27
Change the delay time (speaker setting)............................ 27
Appreciate external signal source/record into other
equipment............................................................................... 28
Connection of the optional antenna...................................... 29
Placement
The unit should be placed on a flat surface,away from direct
sunshine, high temperature, humidity and frequent vibration.
Otherwise, the case and other internal par ts will be damaged
and the service life of the unit will be shortened.
In order to avoid distor tion or abnormal sound effects, there
should be at least a distance of 15cm between the unit and
the wall.Do not place heavy objects on the top of the unit.
Voltage
Overvoltage must be avoided; overvoltage will lead to overload
of the unit and fire.
Do not use a DC power supply. Check if the power supply
meets the requirement when the unit is set up in ships or other
locations where DC power supply is used.
Protection of power supply cord
The AC power supply cord should be properly connected, ensuring
that there is no damage in the cord. Poor connection or damage in
cord may lead to fire or electrical shock. It is prohibited to pull or
bend the cord or place heavy objects upon the cord.
When unplugging the AC power supply cord, just grasp the plug
firmly. electric shock may occur if you unplug the cord by pulling
the cord.
Do not plug in or unplug the plug with wet hand, for fear of
electric shock.
Foreign matter
Do not drop metal objects into the unit for fear of leakage current
orfault.
Do not drop liquid into the unit for fear of leakage current or fault.
In case any liquid drops into the unit, immediately unplug the
AC cord, and contact your dealer.
Do not spray insecticide onto or into the unit. The insecticide spra-
yons contains inflammable gas; if it enters the inside of the unit,
fire may be caused.
Service
Do not try to repair the unit by yourself. If there is a fault e.g.
interrupted sound, indicator blankoff, smoke emission or other faults
unlisted in the operating instructions, unplug the AC power supply
cord, and contact your dealer or the authorized service center.
Electric shock or damage to the unit may occur if the unit is repaired,
dismantled,or reassembled by unqualified personnel.
Before cleaning the unit, please unplug the AC power supply cord.
When the unit is not to be used for a long period, please unplug the
AC power supply cord so as to prolong the service life of the unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com