Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 19 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 19 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 15Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 16Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 17Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 18Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 19Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 20Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 21Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 22Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 23Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
19.eps 175 lpi
45˚
black
Zoom (
page 14)
To select preset aspect ratio
Press [ENTER] and then [
,
] to select. Press
[ENTER] to finish.
To mark the eleventh point and beyond
1. Press [
,
] to select the marker pin icon.
2. Press [
,
] to select 11-20 .
You can select the next group when
the current group is full
3. Press [
]
The markers are ordered by time.This means that the
marker numbers can change when you add and erase
markers.
If places have been marked(e.g.with a DVD Video
recorder),they are displayed.
You can clear existing markers, but they are restored
when you open the disc tray or switch the unit to standby.
This feature doesn't work while using a play list.
Note
This feature doesn't work during program and random play.
Markers you add clear when you open the disc tray or
switch the unit to standby.
Marker
:999 positions
:5 positions
[ENTER](The unit is now ready to accept markers).
To mark a position:
[ENTER] (at the desired point)
To mark another position: [
,
]
[ENTER]
To recall a marker:
[
,
]
[ENTER]
To erase a marker:
[
,
]
[CANCEL]
Play mode display
---:
Normal play
PGM: Program play
RND: Random play
ALL:
All group play(
)
(When the elapsed play time is displayed)
Repeat a section between points A and B within an item.
[ENTER](start point)
[ENTER](finish point)
Clear: [ENTER]
Subtitles recorded around A and B may fail to appear.
The end of an item becomes point B when it is reached.
A-B repeat is canceled when you press [QUICK REPLAY]
A-B repeat
1–10
Unit information
Play Menu
Display Menu
When you select ON :
During play: Shows the average bitrate(approximate
values)of the video being played
While paused:Shows the date volume of the frame
and type of picture (
page 29,
Glossary-I/P/B)
While the display is on, press [
,
] to change the
display:
Subtitle Position/Brightness
(
page 15)
(Moving Pictures)
Bitrate Display on / off
OSD Brightness(-3 or +3)
Adjust the brightness of the on-screen displays.
4:3 Aspect
Select how to show images made for 4:3 aspect screens
on a 16:9 aspect television.
Normal: Laterally stretches images made for a 4:3 screen.
Auto: Expands suitable 4:3 letterbox images to fill more of
the screen. Other images appear in full in the center
of the screen.
Shrink: Images appear in the center of the screen.
Zoom: Expands all images to fill the screen.
If your television has a similar feature,use it instead for a
better effect.
9.438 Mbps
Current bitrate
Average bitrate
A record of bitrates for a
sampling period
Change subtitle position
and brightness
1.When the subtitle icon is displayed in the screen,
Press [
,
] to select Subtitle Position or
Subtitle Brightness .
2.Press [
,
] to make adjustment.
Between 0 and 60, adjust at a step of 2.
For brightness adjustment, select Auto , the
brightness will adapt to the background brightness.
You may also adjust between 0 and 9.
Subtitle Position
Subtitle Brightness
Bitrate
Repeat Mode
(When the play time is displayed)
PG:Program
T:Track
C:Chapter
A:All
G:Group
T:Title
S:Scene
A:All
A:All
PL:Playlist
OFF:Off
OFF:Off
OFF:Off
T: Track
G:Group
A:All
OFF:Off
OFF:Off
1 During play list play.
2 During all group, program and random play.
When playing VCD/SVCD with content play function
1. Press [
] to clear PBC from the main unit.
display.
2. Press the numbered buttons to select a track to start
play.
3 . Select repeat play mode.
Replay your favorite items/chapters
Start program play (
Page14) and A is displayed.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com