Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 8Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 9Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 10Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 11Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 12Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 13Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 14Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 15Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
12.eps 175 lpi
45˚
black
0 dB
– – dB
Press [
] to open the disc tray, and load the
disc into disc tray.
Preparation
Turn on the television and select the appropriate video lnput on
the television to suit the connections for the player.
Press [
] to turn on the unit.
If the disc simultaneously contains audio data ( WMA and MP3)
and JPEG , check the setting of Mixed Disc
Audio& Stills in the
setting menu (
Page 26).
Select Stills (JPEG) to play JPEG, or select Audio (MP3/WMA)
to play MP3/WMA.
Note
If
appears on the television.
The unit or disc prohibits the operation.
Discs continue to rotate while menus are displayed even
after playing an item.Press [
] when you finish to preserve
the unit's motor and your Tv Aspect.
When DVD is played, the volume may be lower than the
volume for playing other signal sources. If the volume of the
television or amplifier is increased, please reduce the volume
before other signal source is played, avoiding abrupt volume
increases.
D.MIX
PG
CSM
AAC DTS
DIGITAL C.F
ZOOM
SFC SSS
PROG.
2
Press [SELECTOR] to select DVD/CD as the
signal source.
To view images by progressive
scanning
Press [PROGRESSIVE OUT].
The TV will be interrupted a moment This is normal.
1
Disc
Basic Play
The label must face upward
(when double-sided disc is
adopted, the program to be
played should face downward.)
(Min)
(Max)
Press [- VOLUME +] or turn the volume
knob to adjust the volume.
TV screen displays content information
Open or close this display
(
Page 18, Disc Information)
Navigation menus can be also used to control the
play (
Page 16)
(CD text only)
Press [
] (Play).
Disc tray closes and play starts
To stop playing
Press [
] (
page13, Resume Function ).
To pause playing
During play, press [
].
Press [
] (Play) to start playing again.
If this machine connected to TV set through video output or S-video
output terminal, or used to play PALdisc, it outputs interlaced scanning
signal even PROG. is displayed on the screen.
Note
On the main unit, press [
] or [
] to perform
skip, and press and hold to perform search and slow-motion.
The speed of search and slow-motion increases up to 5 steps.
Available for dynamic pictures, search, slow motion and frame
reading only.
You can turn off the sound during search(
page26, Audio
Audio during Search).
During playing VCD/SVCD
You cannot move backwards during slow-motion and frame-by
-frame.
During operations such as skip, search or slow motion, the unit
may be switched to a certain directory menu.
Skip
Press [
] (backward) or [
] (forward).
Group skip
Press [
] (backward) or [
] (forward).
Frame by
frame
While paused, press [
] (backward) or [
]
(forward).
Press and hold to change in succession.
Or press [
] repeatedly for forward frame-
by-frame.
Slow motion
While paused,press [
] (backward) or [
]
(forward).
Press [
] (Play) to restart play.
Press [
] (backward) or [
] (forward).
Press [
] (Play) to restart play.
Search
[-VOLUME+] button and volume knob apply only to the speaker
of the system.
3
2
1
46
7
0
9
10
8
REPEAT
RETURN,
QUICK REPLAY
MENU
Numbered
buttons
TOP MENU
ENTER
GROUP
P. MEMORY
SHIFT
PROGRESSIVE OUT
2
5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com