Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 32 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 32 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 24Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 25Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 26Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 27Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 28Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 29Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 30Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 31Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 32Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
32.eps 175 lpi
45˚
black
Specifications
Amplifier
Speaker
General
FM Tuner Section
RMS(TTL Power Output: Root Mean Square Value )
500w
At 1kHz and total harmonic of 10%
Front
47w/Channel (6
)
Center
150w (6
)
Surround
53w/Channel ( 6
)
At 100Hz and total harmonic of 10%
Active subwoofers
150w (6
)
Input Sensitivity/ Input Impedance
AUX
350mV, 10K
MIC
3.15mV, 10k
Frequency Range
87.50-108.00MHz(50kHz in step)
Antenna Terminal
75
(non balance)
AM Tuner Section
Disc
Frequency Range
522-1629kHz(9kHz in step)
520-1630kHz(10kHz in step)
Audio Frequency
Number of Channels
5.1(Left front,Right front,Left Surround,
Right Surround,Central, Subwoofer)
Video Frequency
Signal System
PAL,PAL60/NTSC
Output terminal
RCA(Compound Image)
S Terminal( Y,C)
RCA( Y: green
P
blue
P :red
Pick up
Source of light beam
Semiconductor Laser
Wavelength
CD/VCD
790nm
DVD
658nm
Play disc[8cm(3") or 12cm(5")]:
(1) DVD-RAM (Compatible with DVD-VR)
(2) DVD-Audio
(3) DVD-Video DVD-R(Compatible with DVD-Video)
(4) CD-Audio(CD-DA),VCD,SVCD(acc to IEC62107 standard)
CD-R/CD-RW(CD-DA
VCD formatted discs
(5) MP3/WMA
Maximum program numbers and group numbers
identified:
999 programs and 99 groups
Compatible with compression ratio
MP3: 32kbps - 320kbps
WMA: 48kbps - 192kbps
(6) JPEG
Exif Ver2.1 JPEG baseline file;
Maximum image numbers and group numbers:
3000 images and 300 groups
Image Definition:
320 x 240 pixel - 6144 x 4096 pixel
(sampling frequency 4:2:2 or 4:2:0)
(7)
HighMAT Class 2 (Audio and Video)
Front speaker SB-FS860
Type
1-way
2-speaker system
Speaker
Full frequency band 8cm
cone-shaped
Resistance
6
Input Power
160W (music)
Output Sound Pressure Level
81dB/W (1m)
Frequency Range
80Hz
22kHz (-16dB)
Dimension (W x H x D) 100 x 1098 x 132 mm(included baseplate)
Weight
5.56kg
Type
1-way
2-speaker system
Speaker
Full frequency band 8cm
cone-shaped
Resistance
6
Input Power
160W (music)
Output Sound Pressure Level
82dB/W (1m)
Frequency Range
100Hz
22kHz (-16dB)
Dimension (W x H x D)
285 x 100 x 104 mm
Weight
1.82kg
Center speaker SB-PC600
Type
1-way
1-speaker system
Speaker
Full frequency band 8cm
cone-shaped
Resistance
6
Input Power
60W (music)
Output Sound Pressure Level
80dB/W (1m)
Frequency Range
110Hz
22kHz (-16dB)
Dimension (W x H x D)
100 x 150 x 104 mm
Weight
0.92kg
Front
Surround speaker SB-FS600
Surround speaker SB-FS600
Type
1-way
1-speaker system
Speaker
Full frequency band 17cm
cone-shaped
Resistance
6
Input Power
220W (music)
Output Sound Pressure Level
80dB/W (1m)
Frequency Range
38Hz
200Hz (-16dB)
Dimension (W x H x D)
170 x 414 x 406 mm
Weight
12.3kg
Active subwoofer speaker SB-WA600
Power Source
AC 110V
127V
220-230V
240V, 50Hz/60Hz
AC 230-240V/50Hz
Power Consumption
178W
Power Consumption in Stand-by Mode
approx 0.9W
Dimension of main unit (W x H x D)
430 x 60 x 248mm
Weight of main unit
2.52kg
1.The Specifications are subject to change without prior notice.
The Weight and Dimension are approximate values.
2. Distortion of full harmonic wave is measured by digital harmonic
analyzer
Note
RQTC0019-1
C0803LX1083
Matsushita Electric lndustrial Co.,Ltd.
Web Site:http://www.panasonic.co.jp/global/
For Russia
For Asia
B
R
(only for Asia)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com