Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-HT600 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # SC-HT600
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT600 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button SC-HT600 Datasheet HTML 5Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 6Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 7Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 8Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 9Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 10Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 11Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 12Page - Panasonic Semiconductor SC-HT600 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
09.eps 175 lpi
45˚
black
25 pin connection wire
AM loop aerial
FM indoor aerial
AC power supply cord
Step
Connect the Active subwoofer, antenna and AC
power cord
Connect the AC power supply cord after all other connections are finished.
Active subwoofers
FM indoor aerial
Reference
The data memorized by the unit can be preserved intact at
most 2 weeks after the AC power cord is unplugged.
Conserving power
The unit consumes a small amount of power, even when it is
turned off (about 0.9W).To save power when the unit is not to be
used for a long time, unplug it from the household AC outlet.
Remember that the radio programs and any other memory items
should be reset before next operation of the unit.
Step
Remote control
Batteries
Do not:
mix old and new batteries.
use different types at the same time.
heat or expose to flame.
take apart or short circuit.
attempt to recharge alkaline or manganese batteries.
use batteries if the covering has been peeled off.
Mishanding of batteries can cause electrolyte leakage which
can damage items the fluid contacts and may cause a fire.
Remove if the remote control is not going to be used for
a long period of time. Store in a cool, dark place.
Operation
Aim at the sensor, avoiding obstacles, at a maximum range
of 7m directly in front of the unit.
Insert so the poles(+ and-) match those in the remote control.
Do not use rechargeable type batteries.
AM loop aerial
Fix the
other
end of
the aerial
at spot with
best reception
When dismantling,
press and pull out
the staple.
Erect the aerial on its mounting.
The loose connecting wire should
be away from other wires and
connecting wires.
AC power supply cord
To socket of domestic
power supply
When dismantling,
press and pull out
the staple.
1
L
3
L
2
R
4
5
R
A
25 PIN
connection wire
Click!
shield cord(black)
Click!
Before you connect
the AC power supply
Use flat screwdriver to
turn the voltage adjusting
switch at the rear of active
subwoofer to the position
matching with the region
where the system installed.
If local voltage is 115V or
120V, please set the voltage
selector switch as below:
For 115V: Set it to 110V
For120V: Set it to 127V
Factory preset: 240V
For Asia
Prest voltage
(Back of active subwoofer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com