Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 29 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 29 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
IP5389
V1.23
www.injoinic.com
29 / 41
Copyright © 2023, Injoinic Corp.
Figure 11
4-LED connection
Battery capacity C(%)
D1
D2
D3
D4
Fully charged
ON
ON
ON
ON
75%≤C
ON
ON
ON
1.5Hz Flash
50%≤C<75%
ON
ON
1.5Hz Flash
OFF
25%≤C<50%
ON
1.5Hz Flash
OFF
OFF
C<25%
1.5Hz Flash
OFF
OFF
OFF
Figure 14
4-LED display mode during charging
Battery capacity C(%)
D1
D2
D3
D4
C≥75%
ON
ON
ON
ON
50%≤C<75%
ON
ON
ON
OFF
25%≤C<50%
ON
ON
OFF
OFF
3%≤C<25%
ON
OFF
OFF
OFF
0%<C<3%
1.0Hz Flash
OFF
OFF
OFF
C=0%
OFF
OFF
OFF
OFF
Figure 15
4-LED display mode during discharging
LED3
LED2
LED1
D1
D2
100R
100R
4LED mode
LED4
D3
D4
100R
100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com