Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 19 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 19 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
IP5389
V1.23
www.injoinic.com
19 / 41
Copyright © 2023, Injoinic Corp.
12
Description of Function
12.1
Lock State and Activation
When the IP5389 is connected to the battery for the first time, no matter what the battery voltage is,
the chip is in a lock state, and the lowest digit of the battery indicator will flash 4 times, or the nixie tube 0%
will flash 4 times to indicate. When not in the charging state, if the battery voltage is too low, the shutdown
will be triggered, and IP5389 will go into lock state at this time.
In the low battery state, in order to reduce static power consumption, IP5389 can’t detect the insertion
of the load and it can’t be activated by pressing the key. At this time, pressing the key can’t activate the
buck-boost output, but the lowest battery indicator will flash 4 times to prompt.
In the lock state, the chip can be activated only after entering the charging state.
12.2
Charging
IP5389 has a constant current and constant voltage lithium battery charging management system that
supports a synchronous switch structure. It can automatically match different charging voltage.
When the battery voltage is less than VTRKL, it will apply 200mA trickle charging; when the battery
voltage is greater than VTRKL, it will apply constant current charging, and the maximum charging current of
the battery terminal is 8.0A; when the battery voltage is close to the setting value, it will apply constant
voltage charging; when the battery terminal charging current is less than the stop charging current ISTOP
and the battery voltage is close to the constant voltage, the charging is stopped. After the charging is
completed, if the battery voltage is lower than (VTRGT-N*0.1)V, it will restart the battery charging.
IP5389 has switch charging technology with a switching frequency of 250kHz. When charging with
ordinary 5V input, the input power is 10W; when charging with fast charging input, the maximum input
power is 100W. The charging efficiency can reach 96%, which can shorten the charging time by 3/4.
IP5389 will automatically adjust the charging current to adapt to adapters with different load capacities.
IP5389 supports simultaneous charging and discharging. When charging and discharging
simultaneously, both input and output are 5V.
12.3
Discharging
IP5389 integrates a synchronous switching converter system that supports high-voltage output and
supports a wide voltage range of 3.0V~21V. The synchronous switching buck-boost system can provide a
maximum output capacity of 100W. The built-in soft-start function prevents malfunctions caused by
excessive inrush current during start-up.It also has output overcurrent, short circuit, overvoltage,
overtemperature and other protective functions to ensure the stable and reliable operation of the system.
The current of the discharging system can be automatically adjusted with the temperature to ensure
that the IC temperature is below the set temperature.
VBAT = 8V,VOUT = 5/9/12/15V,the boost efficiency curve is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com