Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 30 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 30 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
IP5389
V1.23
www.injoinic.com
30 / 41
Copyright © 2023, Injoinic Corp.
12.11.3
188 Nixie Tube Display Mode
Nixie Tube
During charging
During discharging
Not fully
charged
Fullly
charged
Battery capacity
<5%
Battery
capacity>5%
188(YF2252SR-5) 0-99% ones
place 0.5Hz
Flash
100% always
on
0-5% ones place
1Hz Flash
5%-100% always on
Table 16
The nixie tube supported by IP5389
Figure 12
5-pin 188 nixie tube circuit
IP5389 driver pin
nixie tube pin
remarks
LED1(48 pin)
1 pin
LED2(47 pin)
2 pin
LED3(46 pin)
3 pin
LED4(45 pin)
4 pin
LED5(44 pin)
5 pin
HLED(38pin)
6 pin
choosable,6-pin nixie tube scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com