Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 9 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 9 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
IP5389
V1.23
www.injoinic.com
9 / 41
Copyright © 2023, Injoinic Corp.
4
DMB
Fast charging intelligent identification pin of micro USB port
5
CC4
The second USB C port CC detection and fast charging communication
pin CC4
6
GPIO9
GPIO
7
GPIO10
GPIO
8
BAT_S1
Used for battery number selection. Different numbers can be selected by
connecting this pin to ground or not.
9
BAT_S2
Used for battery number selection. Different numbers can be selected by
connecting this pin to ground or not.
10
VIN
VIN input charging power pin of micro USB port
11
VING
Used to control input path NMOS of micro USB port
12
VIN_I
Used to detect current of micro USB port path
13
VBUS
VBUS input/output power supply pin of USB C port
14
VBUSG
Used to control input/output path NMOS of USB C port
15
VBUS_I
Used to detect current of USB C port path
16
AGND
Analog ground
17
VIO
Mobile power input/output pin
18
CSP1
Current sampling positive terminal of mobile power input/output terminal
19
CSN1
Current sampling negative terminal of mobile power input/output terminal
20
PCIN
Mobile power input/output peak current sampling pin
21
HG1
Input/output terminal upper tube control pin of H-bridge power tube
22
BST1
Input/output terminal bootstrap voltage pin of H-bridge power tube
23
LX1
Inductor connection pin of mobile power input/output terminal
24
LG1
Input/output terminal lower tube control pin of H-bridge power tube
25
LG2
Battery terminal lower tube control pin of H-bridge power tube
26
LX2
Inductance connection pin of mobile power battery terminal
27
BST2
Battery terminal bootstrap voltage pin of H-bridge power tube
28
HG2
Battery terminal upper tube control pin of H-bridge power tube
29
PCON
Battery peak current sampling pin
30
CSN2
Current sampling negative terminal of battery terminal
31
CSP2
Current sampling positive terminal of battery terminal
32
BAT
Battery terminal pin
33
LX
System 5V power supply,BUCK output inductor connection point,dangling
by default
34
VCC5V
System 5V power supply, to supply power to the internal analog circuit of
the IC
35
AGND
Analog ground
36
KEY
Key and light pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com