Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 12 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
IP5389
V1.23
www.injoinic.com
12 / 41
Copyright © 2023, Injoinic Corp.
9
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Input Voltage Range
VBAT/VIN/VBUS
-0.3 ~ 35
V
Protocol Port Voltage Range
DP/DM/CC
-0.3 ~ 30
V
Digital GPIO voltage range
LED/FCAP
-0.3 ~ 8
V
Junction Temperature Range
TJ
-40 ~ 125
℃
Storage Temperature Range
Tstg
-60 ~ 150
℃
Thermal Resistance
(Junction to Ambient)
θJA
26
℃
/W
Human Body Model (HBM)
ESD
4
kV
Table 4
Absolute maximum ratings
*Stresses higher than the values listed in the Absolute Maximum Ratings section may cause permanent
damage to the device. Excessive exposure under any absolute maximum rating conditions may affect the
reliability and service life of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com