Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 17 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 17 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
IP5389
V1.23
www.injoinic.com
17 / 41
Copyright © 2023, Injoinic Corp.
outputs, under PD protocol
condition
Shutdown
power
threshold
under light
load condition
Pout
VBAT=3.7V
350
mW
Detection time
for overcurrent
load
TUVD
The output voltage is
continuously lower than 2.4V.
30
ms
Detection time
for
short-circuit
load
TOCD
The output voltage is
continuously lower than 2.2V.
40
us
Control System
Switch
frequency
fs
Discharging switch frequency
250
kHz
Charging switch frequency
250
kHz
VCCIO output
voltage
VCCIO
3.15
3.3
3.45
V
Standby
current at the
battery
terminal
ISTB
VBAT=14.8V. The average
current after the key is turned
off.
180
400
uA
LDO output
current
ILDO
25
30
35
mA
The current
that drives
LED lighting
IWLED
10
15
20
mA
The current
that drives
LED display
IL1
IL2
IL3
Voltage decreases 10%.
5
7
9
mA
Detection time
for automatic
shutdown
when total
load is light
T1load
The load power is
continuously less than
350mW.
30
32
34
s
Detection time
for automatic
shutdown of
output port
under light
load
T2load
14
16
18
s
Detection time
TOnDebounce
60
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com