Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 32 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 32 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
IP5389
V1.23
www.injoinic.com
32 / 41
Copyright © 2023, Injoinic Corp.
as a short circuit or an abnormal open circuit.
Table 20
Battery charging voltage settings
Note: 3.65V refers to lithium iron phosphate battery and corresponding turn-off voltage is 2.75V.
12.15
NTC Function and Threshold Selection
IP5389 integrates NTC function, which can detect battery temperature. After IP5389 is powered on, NTC
pin outputs 80uA current at high temperature and 20uA current at low temperature, and generates voltage
through external NTC resistor.The IC internally detects the voltage of the NTC pin to determine the current
battery temperature.
ADC
RNTC=10K
B=3380
NTC_ADC
20uA / 80uA
Figure 13
NTC circuit
IP5389 discharges 80uA current on the NTC_MODE pin. If this pin is connected with different resistors,
different voltages can be obtained. The IC will detect the NTC_MODE voltage and select different NTC
functions according to the NTC_MODE voltage.Note that the accuracy of the external resistance should
be 1% and the voltage of NTC_MODE should be in the middle of the judgment range. When the voltage
of NTC_MODE exceeds all judgment ranges, the chip will recognize the circuit as a short circuit or an
abnormal open circuit.
Figure 14
NTC threshold selection
Resistance from VSET
to GND(ohm)
VSET (theoretical
voltage) (mV)
VSET Voltage
judgment range (mV)
Corresponding
battery type
27k
2160
1750~2550
4.2V
18k
1440
1220~1750
4.3V
13k
1040
860~1220
4.35V
9.1k
728
600~860
4.4V
6.2k
496
384~600
4.15V
3.6k
288
216~384
3.65V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com