Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
IP5389
V1.23
www.injoinic.com
6 / 41
Copyright © 2023, Injoinic Corp.
6
IP Series Products List
6.1
Power Bank IC
IC
Part No.
boost/charge
Main features
Package
Dischar
ge
Char
ge
LED
number
lig
ht
k
e
y
I2
C
DC
P
USB
C
QC
Certif
icate
PD3.
0
/PP
S
Packa
ge
Comp
a-
tibilit
y
IP5303T
1.0A
1.2A
1,2
-
-
-
-
-
ESOP
8
IP5305T
1.0A
1.2A
1,2,3,4
-
-
-
-
-
ESOP
8
IP5306
2.4A
2.1A
1,2,3,4
√ -
-
-
-
ESOP
8
IP5306H
2.4A
2.1A
1,2,3,4
√ -
-
-
-
ESOP
8
IP5406T
2.4A
2.1A
1,2,4
-
-
-
-
-
ESOP
8
IP5407
2.4A
2.1A
1,2,4
-
-
-
-
-
ESOP
8
IP5207
1.2A
1.2A
3,4,5
-
-
-
-
QFN24
IP5209
2.4A
2.1A
3,4,5
√ √
-
-
-
QFN24
IP5209U
2.4A
2.1A
3,4,5
√ √
-
-
-
QFN24
IP5207T
1.2A
1.2A
1,2,3,4
√ √
-
-
-
QFN24
IP5189T
2.1A
2.1A
1,2,3,4
√ √
-
-
-
QFN24
IP5189T
H
2.1A
2.1A
1,2,3,4
√ √
-
-
-
QFN24
IP5310
3.1A
3.0A
1,2,3,4
√ √
-
-
QFN32
IP5320
3.1A
3.0A
Nixie
Tube
√ √
-
-
QFN28
IP5506
2.4A
2.1A
Nixie
Tube
-
-
-
-
-
ESOP
16
IP5508
2.4A
2.1A
Nixie
Tube
-
-
-
-
QFN32
IP5330
3.1A
3.0A
Nixie
Tube
-
-
-
QFN32
IP5566
3.1A
3.0A
1,2,3,4
-
-
-
QFN40
IP5332
18W
4.0A
1,2,3,4
√ √
QFN32
IP5328P
18W
4.0A
1,2,3,4
√ √
QFN40
IP5356
22.5W
5.0A
Nixie
-
QFN40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com