Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 11 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 11 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
IP5389
V1.23
www.injoinic.com
11 / 41
Copyright © 2023, Injoinic Corp.
8
Internal Block Diagram of the Chip
BST1
HG1
HG2
BUCK-BOOST Driver
BUCK-BOOST Control
VCC5V
VCC5V
CSN1
CSP1
CSP2
CSN2
CP1_5V
CP2_5V
VIN
control
DP/DM
protocol
VBUS
control
DP/DM
protocol
DRP
Try.SRC
VOUT1
control
DP/DM
protocol
VOUT2
control
DP/DM
protocol
VIN
VIN_I
VING
DPB
DMB
VBUS
VBUS_I
VBUSG
DPC
DMC
CC1
CC2
VOUT1
VOUT1_I
VOUT1G
DPA1
DMA1
VOUT2
VOUT2_I
VOUT2G
DPA2
DMA2
CP1_5V
CP1_5V
CP1_5V
CP1_5V
ADC
VIN
VIN_I
VBUS
VBUS_I
VOUT1
VOUT1_I
VOUT2
VOUT2_I
CSP1
CSN1
CSP2
CSN2
CSP1
CSP2
NTC1
NTC2
FCAP
VSET
KEY_M ODE
VIN
VBUS
PD
Choose
one of four
CC1
CC2
DMB
DP/DM
fast
charging,
choose one
of four
DPB
DMB
DPC
DMC
DPA1
DMA1
DPA2
DMA2
BUCK
VIO
BAT
LDO
VIN
VBUS
VIO
BAT
LDO
LDO
LDO
KEY
WLED
LX
VCC5V
VDD
KEY
VCCIO
MTK
LOSC
HOSC
Charge
Pump 1
VIO
CP1_5V
Charge
Pump 2
BAT
CP2_5V
MCU
MTP
RAM
GPIO & MFP
LED1
LED2
LED3
LED4
LED5
HLED BAT_S2 BAT_S1
FCAP
VSET NTC_MODE NTC1
NTC2
NC
IIC
UART
PWM
TIMER
CSP1
CSN1
LX1 LG1
LG2 LX2 BST2
PCON
PCIN
BAT
VIO
DRP
Try.SRC
CC3
CC4
LT
Lightning
Figure 3
Internal block diagram of the chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com