Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 35 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 35 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 39Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
IP5389
V1.23
www.injoinic.com
35 / 41
Copyright © 2023, Injoinic Corp.
13
Application Schematic
CSN1
NTC
FCAP
KEY
L1 10uH
AGND GND
EPAD
D1
25%
D2
50%
D3
75%
D4
100%
40
36
35
50
19
CSP1
VIO
17
18
CP6/7/8 3*22uF
R17 6.2K
RNTC 10K B=3380
R6 10K
PMAX
49
CP1
10uF
VIN_I
DMB
DPB
12
VIN
10
4
3
CP4
10uF
TYPE-A
VOUT1
GND
VOUT1_I
DMA1
DPA1
59
VOUT1
57
56
55
DMA1
DPA1
CP5
10uF
TYPE-A
VOUT2
GND
VOUT2_I
DMA2
DPA2
64
VOUT2
62
61
60
DMA2
DPA2
TYPE-C
VBUS
CC1
CC2
GND
DMC
DPC
CP3
10uF
VBUS_I
DMC
DPC
15
When NTC is not used, the
NTC pin should be connected
to the ground with a
resistance of 10k.
13
53
52
CC1
CC2
54
51
VSET
41
R16 27K
NTC_MODE
39
R7 27K
VCCIO
45
VCC5V
34
C5
2.2uF
C6
2.2uF
LX
HLED
LED4
38
37
33
U1
USB1
USB2
USB3
K1
D6
VBUS
VING
11
VBUSG
14
VOUT1G
58
VOUT2G
63
PCIN
20
R4
0.005R
R8 100R
R10 100R
46
LED3
R11 100R
47
LED2
R12 100R
48
LED1
R13 100R
CSN2
30
CP11/12 2*22uF
CSP2
BAT
32
31
28
PCON
29
R5 0.005R
26
Battery
AGND
16
C1
0.1uF
C2
0.1uF
C3
1uF
C4
1uF
BAT_S2
9
R19 NC
BAT_S1
8
R18 0
LT
VCCIO
D5
44
LED5
R9 0R
R22
2R
C9
2.2nF
Q1
Q2
Q3
Q4
Micro-B
VIN
GND
DMB
DPB
USB5
CC3
2
CPAE CP10
100uF
CPAE CP15
100uF
HG2
LX2
27
25
BST2
LG2
21
23
HG1
LX1
22
24
BST1
LG1
R21
2R
C8
2.2nF
R14 27k
65
IP5389
V S E T R 16
(ohm 1% )
type ofbattery
27k
4.2V
18k
4.3V
13k
4.35V
9.1k
4.4V
6.2k
4.15V
3.6k
3.6V (supportlithium iron
phosphate battery)
P M A X R 14
(ohm 1% )
P M A X
27k
65W
18k
60W
13k
45W
9.1k
30W
6.2k
27W
3.6k
100W
B A T _S 1
R 18
(ohm )
B A T _S 2
R 19
(ohm )
N um ber of
batteries in
series
0
0
2
NC
0
3
0
NC
4
NC
NC
5
FC A P R 17
(ohm 1% )
capacity ofbattery
(m A H )
Q m ax/800
Q m ax
6.2k
5000m A H
12.4k
10000m A H
18.7k
15000m A H
24.9k
20000m A H
30.9K
25000m A H
NC
R23 20R
Lightning
VIN
CC3
GND
DAT1
LT
USB4
1
37
R24 3k
Note: If there are both USB B port and Lightning
port on the plan, the two ports cannot be inserted at
the same time, and the mold needs to be restricted.
R25 510R
R26 10R
R27 10R
H-bridge NMOS
H-bridge NMOS
C7 0.1uF
If 65W or 100W is selected, it needs emark circuit.
NTC_MODE
external
resistance
NTC_MODE
theoretical
voltage(mV)
NTC_MODE
voltage
judgment
range(mV)
NTC function
selection
27k
2160
1750~2550
firstgear
(default)
18k
1440
1220~1750
second gear
13k
1040
860~1220
third gear
9.1k
728
600~860
fourth gear
6.2k
496
380~600
fifth gear
3.6k
288
216~380
sixth gear
If LED5 is pulled
down to the ground,
it is recognized as
LED mode .
Figure 15
Application schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com