Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 20Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 21Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 22Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 23Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 24Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 25Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 26Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 27Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 23 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
6. System Integration
6.1 Clocking System
The clocking system generates, divides, and distributes clocks
throughout the PSoC system. For the majority of systems, no
external crystal is required. The IMO and PLL together can
generate up to a 80 MHz clock, accurate to ±1% over voltage and
temperature. Additional internal and external clock sources allow
each design to optimize accuracy, power, and cost. All of the
system clock sources can be used to generate other clock
frequencies in the 16-bit clock dividers and UDBs for anything
you want, for example a UART baud rate generator.
Clock generation and distribution is automatically configured
through the PSoC Creator IDE graphical interface. This is based
on the complete system’s requirements. It greatly speeds the
design process. PSoC Creator allows designers to build clocking
systems with minimal input. The designer can specify desired
clock frequencies and accuracies, and the software locates or
builds a clock that meets the required specifications. This is
possible because of the programmability inherent in PSoC.
Key features of the clocking system include:
Seven general purpose clock sources
3- to 74-MHz IMO, ±1% at 3 MHz
4- to 25-MHz external crystal oscillator (MHzECO)
Clock doubler provides a doubled clock frequency output for
the USB block, see USB Clock Domain on page 26.
DSI signal from an external I/O pin or other logic
24- to 80-MHz fractional phase-locked loop (PLL) sourced
from IMO, MHzECO, or DSI
1-kHz, 33-kHz, 100-kHz ILO for watchdog timer (WDT) and
Sleep Timer
32.768-kHz external crystal oscillator (ECO) for RTC
IMO has a USB mode that auto-locks to the USB bus clock
requiring no external crystal for USB. (USB equipped parts
only)
Independently sourced clock in all clock dividers
Eight 16-bit clock dividers for the digital system
Four 16-bit clock dividers for the analog system
Dedicated 16-bit divider for the CPU bus and CPU clock
Automatic clock configuration in PSoC Creator
Table 6-1. Oscillator Summary
Source
Fmin
Tolerance at Fmin
Fmax
Tolerance at Fmax
Startup Time
IMO
3 MHz
±1% over voltage and temperature
74 MHz
±7%
13 µs max
MHzECO
4 MHz
Crystal dependent
25 MHz
Crystal dependent
5 ms typ, max is
crystal dependent
DSI
0 MHz
Input dependent
33 MHz
Input dependent
Input dependent
PLL
24 MHz
Input dependent
80 MHz
Input dependent
250 µs max
Doubler
48 MHz
Input dependent
48 MHz
Input dependent
1 µs max
ILO
1 kHz
–50%, +100%
100 kHz
–55%, +100%
15 ms max in lowest
power mode
kHzECO
32 kHz
Crystal dependent
32 kHz
Crystal dependent
500 ms typ, max is
crystal dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com