Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 79Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 80Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 81Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 82Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 83Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 84Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 85Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 86Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 82 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.4.3 USBIO
For operation in GPIO mode, the standard range for VDDD applies, see Device Level Specifications on page 68.
Table 11-13. USBIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rusbi
USB D+ pull-up resistance[40]
With idle bus
0.900
–
1.575
k
Ω
Rusba
USB D+ pull-up resistance[40]
While receiving traffic
1.425
–
3.090
k
Ω
Vohusb
Static output high[40]
15 k
Ω ±5% to Vss, internal pull-up
enabled
2.8
–
3.6
V
Volusb
Static output low[40]
15 k
Ω ±5% to Vss, internal pull-up
enabled
––
0.3
V
Vihgpio
Input voltage high, GPIO mode[40]
VDDD = 1.8 V
1.5
–
–
V
VDDD = 3.3 V
2
–
–
V
VDDD = 5.0 V
2
–
–
V
Vilgpio
Input voltage low, GPIO mode[40]
VDDD = 1.8 V
–
–
0.8
V
VDDD = 3.3 V
–
–
0.8
V
VDDD = 5.0 V
–
–
0.8
V
Vohgpio
Output voltage high, GPIO mode[40]
IOH = 4 mA, VDDD = 1.8 V
1.6
–
–
V
IOH = 4 mA, VDDD = 3.3 V
3.1
–
–
V
IOH = 4 mA, VDDD = 5.0 V
4.2
–
–
V
Volgpio
Output voltage low, GPIO mode[40]
IOL = 4 mA, VDDD = 1.8 V
–
–
0.3
V
IOL = 4 mA, VDDD = 3.3 V
–
–
0.3
V
IOL = 4 mA, VDDD = 5.0 V
–
–
0.3
V
Vdi
Differential input sensitivity
|(D+)–(D–)|
–
–
0.2
V
Vcm
Differential input common mode range
0.8
–
2.5
V
Vse
Single ended receiver threshold
0.8
–
2
V
Rps2
PS/2 pull-up resistance[40]
In PS/2 mode, with PS/2 pull-up
enabled
3–
7
k
Ω
Rext
External USB series resistor[40]
In series with each USB pin
21.78
(–1%)
22
22.22
(+1%)
Ω
Zo
USB driver output impedance[40]
Including Rext
28
–
44
Ω
CIN
USB transceiver input capacitance
–
–
20
pF
IIL[40]
Input leakage current (absolute value)[40] 25 °C, VDDD = 3.0 V
–
–
2
nA
Note
40. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com