Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 29Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 30Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 31Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 32Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 33Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 34Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 35Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 36Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 32 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 6-7. Resets
The term system reset indicates that the processor as well as
analog and digital peripherals and registers are reset.
A reset status register shows some of the resets or power
voltage monitoring interrupts. The program may examine this
register to detect and report certain exception conditions. This
register is cleared after a power-on reset. For details see the
Technical Reference Manual.
6.3.1 Reset Sources
6.3.1.1 Power Voltage Level Monitors
IPOR - Initial Power-on-Reset
At initial power on, IPOR monitors the power voltages VDDD,
VDDA, VCCD and VCCA. The trip level is not precise. It is set to
approximately 1 volt (0.75 V to 1.45 V). This is below the lowest
specified operating voltage but high enough for the internal
circuits to be reset and to hold their reset state. The monitor
generates a reset pulse that is at least 150 ns wide. It may be
much wider if one or more of the voltages ramps up slowly.
After boot, the IPOR circuit is disabled and voltage supervision
is handed off to the precise low-voltage reset (PRES) circuit.
PRES - Precise Low-Voltage Reset
This circuit monitors the outputs of the analog and digital
internal regulators after power up. The regulator outputs are
compared to a precise reference voltage. The response to a
PRES trip is identical to an IPOR reset.
In normal operating mode, the program cannot disable the
digital PRES circuit. The analog regulator can be disabled,
which also disables the analog portion of the PRES. The PRES
circuit is disabled automatically during sleep and hibernate
modes, with one exception: During sleep mode the regulators
are periodically activated (buzzed) to provide supervisory
services and to reduce wakeup time. At these times the PRES
circuit is also buzzed to allow periodic voltage monitoring.
ALVI, DLVI, AHVI - Analog/Digital Low Voltage Interrupt,
Analog High Voltage Interrupt
Interrupt circuits are available to detect when VDDA and
VDDD go outside a voltage range. For AHVI, VDDA is
compared to a fixed trip level. For ALVI and DLVI, VDDA and
VDDD are compared to trip levels that are programmable, as
listed in Table 6-5. ALVI and DLVI can also be configured to
generate a device reset instead of an interrupt.
The monitors are disabled until after IPOR. During sleep mode
these circuits are periodically activated (buzzed). If an interrupt
occurs during buzzing then the system first enters its wakeup
sequence. The interrupt is then recognized and may be
serviced.
The buzz frequency is adjustable, and should be set to be less
than the minimum time that any voltage is expected to be out
of range. For details on how to adjust the buzz frequency, see
the TRM.
6.3.1.2 Other Reset Sources
XRES - External Reset
PSoC 5LP has a dedicated XRES pin, which holds the part in
reset while held active (low). The response to an XRES is the
same as to an IPOR reset. The external reset is active low. It
includes an internal pull-up resistor. XRES is active during
sleep and hibernate modes.
After XRES has been deasserted, at least 10 µs must elapse
before it can be reasserted.
SRES - Software Reset
A reset can be commanded under program control by setting
a bit in the software reset register. This is done either directly
by the program or indirectly by DMA access. The response to
a SRES is the same as after an IPOR reset.
Another register bit exists to disable this function.
WRES - Watchdog Timer Reset
The watchdog reset detects when the software program is no
longer being executed correctly. To indicate to the watchdog
timer that it is running correctly, the program must periodically
reset the timer. If the timer is not reset before a user-specified
amount of time, then a reset is generated.
Note IPOR disables the watchdog function. The program must
enable the watchdog function at an appropriate point in the
code by setting a register bit. When this bit is set, it cannot be
cleared again except by an IPOR power on reset event.
Reset
Controller
Watchdog
Timer
External
Reset
Power
Voltage
Level
Monitors
Software
Reset
Register
VDDD VDDA
Reset
Pin
System
Reset
Processor
Interrupt
Table 6-5. Analog/Digital Low Voltage Interrupt, Analog High
Voltage Interrupt
Interrupt
Supply
Normal Volt-
age Range
Available Trip
Settings
DLVI
VDDD
1.71 V-5.5 V
1.70 V-5.45 V in
250 mV increments
ALVI
VDDA
1.71 V-5.5 V
1.70 V-5.45 V in
250 mV increments
AHVI
VDDA
1.71 V-5.5 V
5.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com