Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 51Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 52Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 53Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 54Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 55Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 56Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 57Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 58Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 54 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
8.2 Delta-sigma ADC
The CY8C58LP device contains one delta-sigma ADC. This
ADC offers differential input, high resolution and excellent
linearity, making it a good ADC choice for both audio signal
processing and measurement applications. The converter's
nominal operation is 16 bits at 48 ksps. The ADC can be
configured to output 20-bit resolution at data rates of up to 187
sps. At a fixed clock rate, resolution can be traded for faster data
rates as shown in Table 8-1 and Figure 8-3.
Figure 8-3. Delta-sigma ADC Sample Rates, Range = ±1.024 V
8.2.1 Functional Description
The ADC connects and configures three basic components,
input buffer, delta-sigma modulator, and decimator. The basic
block diagram is shown in Figure 8-4. The signal from the input
muxes is delivered to the delta-sigma modulator either directly or
through the input buffer. The delta-sigma modulator performs the
actual analog to digital conversion. The modulator over-samples
the input and generates a serial data stream output. This high
speed data stream is not useful for most applications without
some type of post processing, and so is passed to the decimator
through the Analog Interface block. The decimator converts the
high speed serial data stream into parallel ADC results. The
modulator/decimator frequency response is [(sin x)/x]4.
Figure 8-4. Delta-sigma ADC Block Diagram
Resolution and sample rate are controlled by the Decimator.
Data is pipelined in the decimator; the output is a function of the
last four samples. When the input multiplexer is switched, the
output data is not valid until after the fourth sample after the
switch.
8.2.2 Operational Modes
The ADC can be configured by the user to operate in one of four
modes: Single Sample, Multi Sample, Continuous, or Multi
Sample (Turbo). All four modes are started by either a write to
the start bit in a control register or an assertion of the Start of
Conversion (SoC) signal. When the conversion is complete, a
status bit is set and the output signal End of Conversion (EoC)
asserts high and remains high until the value is read by either the
DMA controller or the CPU.
8.2.2.1 Single Sample
In Single Sample mode, the ADC performs one sample
conversion on a trigger. In this mode, the ADC stays in standby
state waiting for the SoC signal to be asserted. When SoC is
signaled the ADC performs four successive conversions. The
first three conversions prime the decimator. The ADC result is
valid and available after the fourth conversion, at which time the
EoC signal is generated. To detect the end of conversion, the
system may poll a control register for status or configure the
external EoC signal to generate an interrupt or invoke a DMA
request. When the transfer is done the ADC reenters the standby
state where it stays until another SoC event.
8.2.2.2 Continuous
Continuous sample mode is used to take multiple successive
samples of a single input signal. Multiplexing multiple inputs
should not be done with this mode. There is a latency of three
conversion times before the first conversion result is available.
This is the time required to prime the decimator. After the first
result, successive conversions are available at the selected
sample rate.
8.2.2.3 Multi Sample
Multi sample mode is similar to continuous mode except that the
ADC is reset between samples. This mode is useful when the
input is switched between multiple signals. The decimator is
re-primed between each sample so that previous samples do not
affect the current conversion. Upon completion of a sample, the
next sample is automatically initiated. The results can be
transferred using either firmware polling, interrupt, or DMA.
Table 8-1. Delta-sigma ADC Performance
Bits
Maximum Sample Rate
(sps)
SINAD (dB)
20
187
–
16
48 k
84
12
192 k
66
8
384 k
43
1000
10000
100000
1000000
1
10
100
6
8
10
12
14
16
18
20
22
Resolution, bits
Continuous
Multi-Sample
Multi-SampleTurbo
Delta
Sigma
Modulator
Decimator
12 to 20 Bit
Result
EOC
SOC
Positive
Input Mux
Negative
Input Mux
(Analog Routing)
Input
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com