Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 52Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 53Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 54Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 55Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 56Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 57Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 58Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 59Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 55 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
8.2.2.4 Multi Sample (Turbo)
The multi sample (turbo) mode operates identical to the
Multi-sample mode for resolutions of 8 to 16 bits. For resolutions
of 17 to 20 bits, the performance is about four times faster than
the multi sample mode, because the ADC is only reset once at
the end of conversion.
More information on output formats is provided in the Technical
Reference Manual.
8.2.3 Start of Conversion Input
The SoC signal is used to start an ADC conversion. A digital
clock or UDB output can be used to drive this input. It can be
used when the sampling period must be longer than the ADC
conversion time or when the ADC must be synchronized to other
hardware. This signal is optional and does not need to be
connected if ADC is running in a continuous mode.
8.2.4 End of Conversion Output
The EoC signal goes high at the end of each ADC conversion.
This signal may be used to trigger either an interrupt or DMA
request.
8.3 Successive Approximation ADC
The CY8C58LP family of devices has two Successive
Approximation (SAR) ADCs. These ADCs are 12-bit at up to 1
Msps, with single-ended or differential inputs, making them
useful for a wide variety of sampling and control applications.
8.3.1 Functional Description
In a SAR ADC an analog input signal is sampled and compared
with the output of a DAC. A binary search algorithm is applied to
the DAC and used to determine the output bits in succession
from MSB to LSB. A block diagram of one SAR ADC is shown in
Figure 8-5.
Figure 8-5. SAR ADC Block Diagram
The input is connected to the analog globals and muxes. The
frequency of the clock is 18 times the sample rate; the clock rate
ranges from 1 to 18 MHz.
8.3.2 Conversion Signals
Writing a start bit or assertion of a start of frame (SOF) signal is
used to start a conversion. SOF can be used in applications
where the sampling period is longer than the conversion time, or
when the ADC needs to be synchronized to other hardware. This
signal is optional and does not need to be connected if the SAR
ADC is running in a continuous mode. A digital clock or UDB
output can be used to drive this input. When the SAR is first
powered up or awakened from any of the sleeping modes, there
is a power up wait time of 10 µs before it is ready to start the first
conversion.
When the conversion is complete, a status bit is set and the
output signal end of frame (EOF) asserts and remains asserted
until the value is read by either the DMA controller or the CPU.
The EOF signal may be used to trigger an interrupt or a DMA
request.
8.3.3 Operational Modes
A ONE_SHOT control bit is used to set the SAR ADC conversion
mode to either continuous or one conversion per SOF signal.
DMA transfer of continuous samples, without CPU intervention,
is supported.
8.4 Comparators
The CY8C58LP family of devices contains four comparators.
Comparators have these features:
Input offset factory trimmed to less than 5 mV
Rail-to-rail common mode input range (VSSA to VDDA)
Speed and power can be traded off by using one of three
modes: fast, slow, or ultra low power
Comparator outputs can be routed to look up tables to perform
simple logic functions and then can also be routed to digital
blocks
The positive input of the comparators may be optionally passed
through a low pass filter. Two filters are provided
Comparator inputs can be connections to GPIO, DAC outputs
and SC block outputs
8.4.1 Input and Output Interface
The positive and negative inputs to the comparators come from
the analog global buses, the analog mux line, the analog local
bus and precision reference through multiplexers. The output
from each comparator could be routed to any of the two input
LUTs. The output of that LUT is routed to the UDB DSI.
S/H
DAC
array
vin
vrefp
vrefn
comparator
SAR
digital
D0:D11
clock
autozero
reset
clock
power
filtering
POWER
GROUND
vrefp
vrefn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com