Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 26Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 27Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 28Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 29Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 30Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 31Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 32Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 33Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 29 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 6-5. Power Mode Transitions
6.2.1.1 Active Mode
Active mode is the primary operating mode of the device. When
in active mode, the active configuration template bits control
which available resources are enabled or disabled. When a
resource is disabled, the digital clocks are gated, analog bias
currents are disabled, and leakage currents are reduced as
appropriate. User firmware can dynamically control subsystem
power by setting and clearing bits in the active configuration
template. The CPU can disable itself, in which case the CPU is
automatically reenabled at the next wakeup event.
When a wakeup event occurs, the global mode is always
returned to active, and the CPU is automatically enabled,
regardless of its template settings. Active mode is the default
global power mode upon boot.
6.2.1.2 Alternate Active Mode
Alternate Active mode is very similar to Active mode. In alternate
active mode, fewer subsystems are enabled, to reduce power
consumption. One possible configuration is to turn off the CPU
and flash, and run peripherals at full speed.
6.2.1.3 Sleep Mode
Sleep mode reduces power consumption when a resume time of
15 µs is acceptable. The wake time is used to ensure that the
regulator outputs are stable enough to directly enter active
mode.
6.2.1.4 Hibernate Mode
In hibernate mode nearly all of the internal functions are
disabled. Internal voltages are reduced to the minimal level to
keep vital systems alive. Configuration state is preserved in
hibernate mode and SRAM memory is retained. GPIOs
configured as digital outputs maintain their previous values and
external GPIO pin interrupt settings are preserved. The device
can only return from hibernate mode in response to an external
I/O interrupt. The resume time from hibernate mode is less than
100 µs.
To achieve an extremely low current, the hibernate regulator has
limited capacity. This limits the frequency of any signal present
on the input pins; no GPIO should toggle at a rate greater than
10 kHz while in hibernate mode. If pins must be toggled at a high
rate while in a low power mode, use sleep mode instead.
6.2.1.5 Wakeup Events
Wakeup events are configurable and can come from an interrupt
or device reset. A wakeup event restores the system to active
mode. Firmware enabled interrupt sources include internally
generated interrupts, power supervisor, central timewheel, and
I/O interrupts. Internal interrupt sources can come from a variety
of peripherals, such as analog comparators and UDBs. The
central timewheel provides periodic interrupts to allow the
system to wake up, poll peripherals, or perform real-time
functions. Reset event sources include the external reset pin
(XRES), WDT, and Precision Reset (PRES).
6.2.2 Boost Converter
Applications that use a supply voltage of less than 1.71 V, such
as solar panels or single cell battery supplies, may use the
on-chip boost converter to generate a minimum of 1.8 V supply
voltage. The boost converter may also be used in any system
that requires a higher operating voltage than the supply provides
such as driving 5.0 V LCD glass in a 3.3 V system. With the
addition of an inductor, Schottky diode, and capacitors, it
produces a selectable output voltage sourcing enough current to
operate the PSoC and other on-board components.
The boost converter accepts an input voltage VBAT from 0.5 V to
3.6 V, and can start up with VBAT as low as 0.5 V. The converter
provides a user configurable output voltage of 1.8 to 5.0 V (VOUT)
in 100 mV increments. VBAT is typically less than VOUT; if VBAT
is greater than or equal to VOUT, then VOUT will be slightly less
than VBAT due to resistive losses in the boost converter. The
block can deliver up to 50 mA (IBOOST) depending on
configuration to both the PSoC device and external components.
The sum of all current sinks in the design including the PSoC
device, PSoC I/O pin loads, and external component loads must
be less than the IBOOST specified maximum current.
Four pins are associated with the boost converter: VBAT, VSSB,
VBOOST, and IND. The boosted output voltage is sensed at the
VBOOST pin and must be connected directly to the chip’s supply
inputs; VDDA, VDDD, and VDDIO if used to power the PSoC
device.
The boost converter requires four components in addition to
those required in a non-boost design, as shown in Figure 6-6 on
page 30. A 22 µF capacitor (CBAT) is required close to the VBAT
pin to provide local bulk storage of the battery voltage and
provide regulator stability. A diode between the battery and VBAT
pin should not be used for reverse polarity protection because
the diodes forward voltage drop reduces the VBAT voltage.
Between the VBAT and IND pins, an inductor of 4.7 µH, 10 µH, or
22 µH is required. The inductor value can be optimized to
increase the boost converter efficiency based on input voltage,
output voltage, temperature, and current. Inductor size is
determined by following the design guidance in this chapter and
electrical specifications. The inductor must be placed within 1 cm
of the VBAT and IND pins and have a minimum saturation current
of 750 mA. Between the IND and VBOOST pins a Schottky diode
must be placed within 1 cm of the pins. The Schottky diode shall
have a forward current rating of at least 1.0 A and a reverse
voltage of at least 20 V. A 22 µF bulk capacitor (CBOOST) must
be connected close to VBOOST to provide regulator output
stability. It is important to sum the total capacitance connected to
the VBOOST pin and ensure the maximum CBOOST specification
is not exceeded. All capacitors must be rated for a minimum of
10 V to minimize capacitive losses due to voltage de-rating.
Active
Manual
Hibernate
Alternate
Active
Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com