Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 24Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 25Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 26Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 27Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 28Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 29Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 30Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 31Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 27 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 6-4. PSoC Power System
Notes
The two VCCD pins must be connected together with as short a trace as possible. A trace under the device is recommended, as
shown in Figure 2-6.
You can power the device in internally regulated mode, where the voltage applied to the VDDx pins is as high as 5.5 V, and the
internal regulators provide the core voltages. In this mode, do not apply power to the VCCx pins, and do not tie the VDDx pins
to the VCCx pins.
You can also power the device in externally regulated mode, that is, by directly powering the VCCD and VCCA pins. In this configuration,
the VDDD pins should be shorted to the VCCD pins and the VDDA pin should be shorted to the VCCA pin. The allowed supply range
in this configuration is 1.71 V to 1.89 V. After power up in this configuration, the internal regulators are on by default, and should be
disabled to reduce power consumption.
It is good practice to check the datasheets for your bypass capacitors, specifically the working voltage and the DC bias specifications.
With some capacitors, the actual capacitance can decrease considerably when the DC bias (VDDX or VCCX in Figure 6-4) is a
significant percentage of the rated working voltage.
VSSB
VDDIO0
VSSA
VCCA
VDDA
Digital
Regulators
Analog
Regulator
Analog
Domain
Digital
Domain
I2C
Regulator
Sleep
Regulator
Hibernate
Regulator
I/O Supply
I/O Supply
I/O Supply
I/O Supply
.
VDDIO2
VDDIO0
VDDIO3
VDDIO1
0.1 µF
0.1 µF
0.1 µF
0.1 µF
VDDD
VDDD
1 µF
1 µF
VDDA
0.1 µF
0.1 µF
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com