Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 50 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 50 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 46Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 47Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 48Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 49Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 50Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 51Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 52Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 53Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 49 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
7.7 Timers, Counters, and PWMs
The Timer/Counter/PWM peripheral is a 16-bit dedicated
peripheral providing three of the most common embedded
peripheral features. As almost all embedded systems use some
combination of timers, counters, and PWMs. Four of them have
been included on this PSoC device family. Additional and more
advanced functionality timers, counters, and PWMs can also be
instantiated in Universal Digital Blocks (UDBs) as required.
PSoC Creator allows you to choose the timer, counter, and PWM
features that you need. The tool set utilizes the most optimal
resources available.
The Timer/Counter/PWM peripheral can select from multiple
clock sources, with input and output signals connected through
the DSI routing. DSI routing allows input and output connections
to any device pin and any internal digital signal accessible
through the DSI. Each of the four instances has a compare
output, terminal count output (optional complementary compare
output), and programmable interrupt request line. The
Timer/Counter/PWMs are configurable as free running, one
shot, or Enable input controlled. The peripheral has timer reset
and capture inputs, and a kill input for control of the comparator
outputs. The peripheral supports full 16-bit capture.
Timer/Counter/PWM features include:
16-bit timer/counter/PWM (down count only)
Selectable clock source
PWM comparator (configurable for LT, LTE, EQ, GTE, GT)
Period reload on start, reset, and terminal count
Interrupt on terminal count, compare true, or capture
Dynamic counter reads
Timer capture mode
Count while enable signal is asserted mode
Free run mode
One-shot mode (stop at end of period)
Complementary PWM outputs with deadband
PWM output kill
Figure 7-17. Timer/Counter/PWM
7.8 I2C
PSoC includes a single fixed-function I2C peripheral. Additional
I2C interfaces can be instantiated using Universal Digital Blocks
(UDBs) in PSoC Creator, as required.
The I2C peripheral provides a synchronous two-wire interface
designed to interface the PSoC device with a two-wire I2C serial
communication bus. It is compatible[13] with I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/O may be implemented with GPIO or SIO in open-drain modes.
To eliminate the need for excessive CPU intervention and
overhead, I2C specific support is provided for status detection
and generation of framing bits. I2C operates as a slave, a master,
or multimaster (Slave and Master)[13]. In slave mode, the unit
always listens for a start condition to begin sending or receiving
data. Master mode supplies the ability to generate the Start and
Stop conditions and initiate transactions. Multimaster mode
provides clock synchronization and arbitration to allow multiple
masters on the same bus. If Master mode is enabled and Slave
mode is not enabled, the block does not generate interrupts on
externally generated Start conditions. I2C interfaces through the
DSI routing and allows direct connections to any GPIO or SIO
pins.
I2C provides hardware address detect of a 7-bit address without
CPU intervention. Additionally the device can wake from low
power modes on a 7-bit hardware address match. If wakeup
functionality is required, I2C pin connections are limited to one of
two specific pairs of SIO pins. See descriptions of SCL and SDA
pins in Pin Descriptions on page 12.
I2C features include:
Slave and master, transmitter, and receiver operation
Byte processing for low CPU overhead
Interrupt or polling CPU interface
Support for bus speeds up to 1 Mbps
7 or 10-bit addressing (10-bit addressing requires firmware
support)
SMBus operation (through firmware support - SMBus
supported in hardware in UDBs)
7-bit hardware address compare
Wake from low power modes on address match
Glitch filtering (active and alternate-active modes only)
Data transfers follow the format shown in Figure 7-18. After the
START condition (S), a slave address is sent. This address is 7
bits long followed by an eighth bit which is a data direction bit
(R/W) - a 'zero' indicates a transmission (WRITE), a 'one'
indicates a request for data (READ). A data transfer is always
terminated by a STOP condition (P) generated by the master.
Timer / Counter /
PWM 16-bit
Clock
Reset
Enable
Capture
Kill
IRQ
Compare
TC / Compare!
Notes
12. The I2C peripheral is non-compliant with the NXP I2C specification in the following areas: analog glitch filter, I/O VOL/IOL, I/O hysteresis. The I2C Block has a digital
glitch filter (not available in sleep mode). The Fast-mode minimum fall-time specification can be met by setting the I/Os to slow speed mode. See the I/O Electrical
Specifications in Inputs and Outputs on page 76 for details.
13. Fixed-block I2C does not support undefined bus conditions, nor does it support Repeated Start in Slave mode. These conditions should be avoided, or the UDB-based
I2C component should be used instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com