Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 23Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 24Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 25Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 26Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 27Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 28Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 29Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 30Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 26 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
6.1.2.2 32.768 kHz ECO
The 32.768-kHz external crystal oscillator (32kHzECO) provides
precision timing with minimal power consumption using an
external 32.768-kHz watch crystal (see Figure 6-3). The
32kHzECO also connects directly to the sleep timer and provides
the source for the RTC. The RTC uses a 1 second interrupt to
implement the RTC functionality in firmware.
The oscillator works in two distinct power modes. This allows
users to trade off power consumption with noise immunity from
neighboring circuits. The GPIO pins connected to the external
crystal and capacitors are fixed.
Figure 6-3. 32kHzECO Block Diagram
It is recommended that the external 32.768-kHz watch crystal
have a load capacitance (CL) of 6 pF or 12.5 pF. Check the
crystal manufacturer's datasheet. The two external capacitors,
CL1 and CL2, are typically of the same value, and their total
capacitance, CL1CL2 / (CL1 + CL2), including pin and trace
capacitance, should equal the crystal CL value. For more infor-
mation, refer to application note AN54439: PSoC 3 and PSoC 5
External Oscillators. See also pin capacitance specifications in
the “GPIO” section on page 76.
6.1.2.3 Digital System Interconnect
The DSI provides routing for clocks taken from external clock
oscillators connected to I/O. The oscillators can also be
generated within the device in the digital system and UDBs.
While the primary DSI clock input provides access to all clocking
resources, up to eight other DSI clocks (internally or externally
generated) may be routed directly to the eight digital clock
dividers. This is only possible if there are multiple precision clock
sources.
6.1.3 Clock Distribution
All seven clock sources are inputs to the central clock distribution
system. The distribution system is designed to create multiple
high precision clocks. These clocks are customized for the
design’s requirements and eliminate the common problems
found with limited resolution prescalers attached to peripherals.
The clock distribution system generates several types of clock
trees.
The system clock is used to select and supply the fastest clock
in the system for general system clock requirements and clock
synchronization of the PSoC device.
Bus clock 16-bit divider uses the system clock to generate the
system’s bus clock used for data transfers and the CPU. The
CPU clock is directly derived from the bus clock.
Eight fully programmable 16-bit clock dividers generate digital
system clocks for general use in the digital system, as
configured by the design’s requirements. Digital system clocks
can generate custom clocks derived from any of the seven
clock sources for any purpose. Examples include baud rate
generators, accurate PWM periods, and timer clocks, and
many others. If more than eight digital clock dividers are
required, the UDBs and fixed function timer/counter/PWMs can
also generate clocks.
Four 16-bit clock dividers generate clocks for the analog system
components that require clocking, such as ADCs and mixers.
The analog clock dividers include skew control to ensure that
critical analog events do not occur simultaneously with digital
switching events. This is done to reduce analog system noise.
Each clock divider consists of an 8-input multiplexer, a 16-bit
clock divider (divide by 2 and higher) that generates ~50% duty
cycle clocks, system clock resynchronization logic, and deglitch
logic. The outputs from each digital clock tree can be routed into
the digital system interconnect and then brought back into the
clock system as an input, allowing clock chaining of up to 32 bits.
6.1.4 USB Clock Domain
The USB clock domain is unique in that it operates largely
asynchronously from the main clock network. The USB logic
contains a synchronous bus interface to the chip, while running
on an asynchronous clock to process USB data. The USB logic
requires a 48-MHz frequency. This frequency can be generated
from different sources, including DSI clock at 48 MHz or doubled
value of 24 MHz from internal oscillator, DSI signal, or crystal
oscillator.
6.2 Power System
The power system consists of separate analog, digital, and I/O
supply pins, labeled VDDA, VDDD, and VDDIOX, respectively. It
also includes two internal 1.8 V regulators that provide the digital
(VCCD) and analog (VCCA) supplies for the internal core logic.
The output pins of the regulators (VCCD and VCCA) and the
VDDIO pins must have capacitors connected as shown in
Figure 6-4. The two VCCD pins must be shorted together, with as
short a trace as possible, and connected to a 1 µF ±10% X5R
capacitor. The power system also contains a sleep regulator, an
I2C regulator, and a hibernate regulator.
Xo
(Pin P15[2])
32 kHz
Crystal Osc
XCLK32K
32 kHz
crystal
Capacitors
External
Components
Xi
(Pin P15[3])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com