Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 72Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 73Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 74Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 75Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 76Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 77Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 78Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 79Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 75 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-11. Efficiency vs VBAT, LBOOST = 4.7 µH [33]
Figure 11-12. Efficiency vs VBAT, LBOOST = 10 µH [33]
Figure 11-13. Efficiency vs VBAT, LBOOST = 22 µH [33]
Figure 11-14. VRIPPLE vs VBAT [33]
65%
70%
75%
80%
85%
90%
95%
100%
Vout = 1.8 V
Vout = 2.4 V
Vout = 3.3 V
Vout = 5.0 V
50%
55%
60%
65%
0
0.5
1
1.5
2
2.5
3
3.5
4
V
BAT, V
65%
70%
75%
80%
85%
90%
95%
100%
Vout = 1.8 V
Vout = 2.4 V
Vout = 3 3 V
50%
55%
60%
65%
00.511.522.533.5
4
V
BAT, V
Vout = 3.3 V
Vout = 5.0 V
65%
70%
75%
80%
85%
90%
95%
100%
Vout = 1.8 V
Vout = 2.4 V
Vout = 3.3 V
50%
55%
60%
65%
0
0.5
11.5
22.5
33.5
4
V
BAT, V
100
150
200
250
300
Lboost = 4.7 uH
Lboost = 10 uH
0
50
0
0.5
1
1.5
2
2.5
3
3.5
4
V
BAT, V
Lboost = 22 uH
Note
33. Typical example. Actual values may vary depending on external component selection, PCB layout, and other design parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com