Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 114 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 114 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 110Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 111Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 112Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 113Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 114Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 115Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 116Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 117Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 118Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 113 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.6.3 Pulse Width Modulation
The following specifications apply to the Timer/Counter/PWM peripheral, in PWM mode. PWM components can also be implemented
in UDBs; for more information, see the PWM component datasheet in PSoC Creator.
11.6.4 I2C
11.6.5 Controller Area Network
Table 11-51. PWM DC Specifications[74]
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit PWM, at listed input clock frequency
–
–
–
µA
3 MHz
–15–
µA
12 MHz
–60–
µA
48 MHz
–260
–
µA
80 MHz
–360
–
µA
Table 11-52. PWM AC Specifications[74]
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
–
80.01
MHz
Pulse width[75]
15
–
–
ns
Pulse width (external)
30
–
–
ns
Kill pulse width[75]
15
–
–
ns
Kill pulse width (external)
30
–
–
ns
Enable pulse width[75]
15
–
–
ns
Enable pulse width (external)
30
–
–
ns
Reset pulse width[75]
15
–
–
ns
Reset pulse width (external)
30
–
–
ns
Table 11-53. Fixed I2C DC Specifications[74]
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
Enabled, configured for 100 kbps
–
–
250
µA
Enabled, configured for 400 kbps
–
–
260
µA
Table 11-54. Fixed I2C AC Specifications[76]
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
–
–
1
Mbps
Table 11-55. CAN DC Specifications[74, 77]
Parameter
Description
Conditions
Min
Typ
Max
Units
IDD
Block current consumption
–
–
200
µA
Table 11-56. CAN AC Specifications[74, 77]
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
Minimum 8 MHz clock
–
–
1
Mbit
Notes
74. Based on device characterization (Not production tested).
75. For correct operation, the minimum Timer/Counter/PWM input pulse width is the period of bus clock.
76. Rise/fall time matching (TR) not guaranteed, see Table 11-15 on page 84.
77. Refer to ISO 11898 specification for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com