Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 18 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 14Page - Texas Instruments CC115LRGPR Datasheet HTML 15Page - Texas Instruments CC115LRGPR Datasheet HTML 16Page - Texas Instruments CC115LRGPR Datasheet HTML 17Page - Texas Instruments CC115LRGPR Datasheet HTML 18Page - Texas Instruments CC115LRGPR Datasheet HTML 19Page - Texas Instruments CC115LRGPR Datasheet HTML 20Page - Texas Instruments CC115LRGPR Datasheet HTML 21Page - Texas Instruments CC115LRGPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
NOTE
The minimum tsp,pd figure in Table 5-1 can be used in cases where the user does not read
the CHIP_RDYn signal. CSn low to positive edge on SCLK when the chip is woken from
power-down depends on the start-up time of the crystal being used. The 150
μs in Table 5-1
is the crystal oscillator start-up time measured on SWRR046 and SWRR045 using crystal
AT-41CD2 from NDK.
5.5.1
Chip Status Byte
When the header byte, data byte, or command strobe is sent on the SPI interface, the chip status byte is
sent by the CC115L on the SO pin. The status byte contains key status signals, useful for the MCU. The
first bit, s7, is the CHIP_RDYn signal and this signal must go low before the first positive edge of SCLK.
The CHIP_RDYn signal indicates that the crystal is running.
Bits 6, 5, and 4 comprise the STATE value. This value reflects the state of the chip. The XOSC and power
to the digital core are on in the IDLE state, but all other modules are in power down. The frequency and
channel configuration should only be updated when the chip is in this state.
The last four bits (3:0) in the status byte contains FIFO_BYTES_AVAILABLE. For these bits to give any
valid information, the R/W bit in the header byte must be set to 0. The FIFO_BYTES_AVAILABLE field
contains the number of bytes that can be written to the TX FIFO. When FIFO_BYTES_AVAILABLE=15, 15
or more bytes can be written.
Table 5-2 gives a status byte summary.
Table 5-2. Status Byte Summary
Bits
Name
Description
Stays high until power and crystal have stabilized. Should always be low when
7
CHIP_RDYn
using the SPI interface.
Indicates the current main state machine mode
Value
State
Description
IDLE state
000
IDLE
(Also reported for some transitional states
instead of SETTLING or CALIBRATE)
001
Reserved
010
TX
Transmit mode
6:4
STATE[2:0]
011
FSTXON
Fast TX ready
Frequency synthesizer calibration is
100
CALIBRATE
running
101
SETTLING
PLL is settling
110
Reserved
TX FIFO has underflowed. Acknowledge
111
TXFIFO_UNDERFLOW
with SFTX
3:0
FIFO_BYTES_AVAILABLE[3:0]
The number of bytes that can be written to the TX FIFO
18
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com