Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 1 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 1 Page - Texas Instruments

  CC115LRGPR Datasheet HTML 1Page - Texas Instruments CC115LRGPR Datasheet HTML 2Page - Texas Instruments CC115LRGPR Datasheet HTML 3Page - Texas Instruments CC115LRGPR Datasheet HTML 4Page - Texas Instruments CC115LRGPR Datasheet HTML 5Page - Texas Instruments CC115LRGPR Datasheet HTML 6Page - Texas Instruments CC115LRGPR Datasheet HTML 7Page - Texas Instruments CC115LRGPR Datasheet HTML 8Page - Texas Instruments CC115LRGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
CC115L Value Line Transmitter
1
Device Overview
1.1
Features
1
• RF Performance
• General
– Programmable Output Power up to +12 dBm
– Few External Components; Fully Integrated
Frequency Synthesizer
– Programmable Data Rate from 0.6 to 600 kbps
– Green Package: RoHS Compliant and No
– Frequency Bands: 300–348 MHz,
Antimony or Bromine
387–464 MHz, and 779–928 MHz
– Small Size (QLP 4- x 4-mm Package, 20 Pins)
– 2-FSK, 4-FSK, GFSK, and OOK Supported
– Suited for Systems Targeting Compliance with
• Digital Features
EN 300 220 V2.3.1 (Europe) and FCC CFR Part
– Flexible Support for Packet Oriented Systems
15 (US)
– On-chip Support for Sync Word Insertion,
– Support for Asynchronous and Synchronous
Flexible Packet Length, and Automatic CRC
Serial Transmit Mode for Backward
Calculation
Compatibility with Existing Radio
• Low-Power Features
Communication Protocols
– 200-nA Sleep Mode Current Consumption
– Fast Startup Time; 240
μs From Sleep to TX
Mode
– 64-Byte TX FIFO
1.2
Applications
•
Ultra Low-Power Wireless Applications Operating
•
Remote Controls
in the 315-, 433-, 868-, 915-MHz ISM or SRD
•
Toys
Bands
•
Home and Building Automation
•
Wireless Alarm and Security Systems
•
Active RFID
•
Industrial Monitoring and Control
1.3
Description
The CC115L is a cost optimized sub-1 GHz RF transmitter. The circuit is based on the popular CC1101
RF transceiver, and RF performance characteristics are identical. The CC115L value line transmitter
together with the CC113L value line receiver enables a low-cost RF link.
The RF transmitter is integrated with a highly configurable baseband modulator. The modem supports
various modulation formats and has a configurable data rates from 0.6 to 600 kbps.
The CC115L provides extensive hardware support for packet handling, data buffering, and burst
transmissions.
The main operating parameters and the 64-byte transmit FIFO of CC115L can be controlled through a
serial peripheral interface (SPI). In a typical system, the CC115L will be used together with a
microcontroller and a few additional passive components.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC115LRGP
QFN (20)
4.00 mm × 4.00 mm
(1)
For more information on these devices, see Section 8, Mechanical Packaging and Orderable
Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC115LRGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC115LRGPR TI-CC115LRGPR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRGPR TI-CC115LRGPR Datasheet
1Mb / 60P
Value Line Transmitter
More results

Similar Description - CC115LRGPR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7296 EXAR-XRT7296 Datasheet
443Kb / 16P
INTEGRATED LINE TRANSMITTER
logo
Texas Instruments
CC110L TI1-CC110L Datasheet
1Mb / 83P
Value Line Transceiver
CC113L TI1-CC113L Datasheet
1Mb / 75P
Value Line Receiver
CC115L TI1-CC115L Datasheet
1Mb / 61P
Value Line Transmitter
logo
STMicroelectronics
STM32VLDISCOVERY STMICROELECTRONICS-STM32VLDISCOVERY Datasheet
117Kb / 3P
STM32 value line Discovery
09-Sep-2010
logo
Texas Instruments
CC110L TI1-CC110L_12 Datasheet
1Mb / 85P
Value Line Transceiver
CC110LRGPR TI-CC110LRGPR Datasheet
1Mb / 84P
Value Line Transceiver
CC115LRTKR TI-CC115LRTKR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
Value Line Transmitter
CC113L TI1-CC113L_14 Datasheet
1Mb / 86P
Value Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com