Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 36 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 32Page - Texas Instruments CC115LRGPR Datasheet HTML 33Page - Texas Instruments CC115LRGPR Datasheet HTML 34Page - Texas Instruments CC115LRGPR Datasheet HTML 35Page - Texas Instruments CC115LRGPR Datasheet HTML 36Page - Texas Instruments CC115LRGPR Datasheet HTML 37Page - Texas Instruments CC115LRGPR Datasheet HTML 38Page - Texas Instruments CC115LRGPR Datasheet HTML 39Page - Texas Instruments CC115LRGPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.15 Output Power Programming
The RF output power level from the device has two levels of programmability. The PATABLE register can
hold two user selected output power settings and the FREND0.PA_POWER value selects the PATABLE
entry to use (0 or 1). PATABLE must be programmed in burst mode if writing to other entries than
PATABLE[0]. See Section 5.5.6 for more programming details.
For OOK modulation, FREND0.PA_POWER should be 1 and the logic 0 and logic 1 power levels shall be
programmed to index 0 and 1 respectively. For all other modulation formats, the desired output power
should be programmed to index 0.
Table 5-8 contains the recommended PATABLE settings for various output levels and frequency bands.
DN013 SWRA168 gives the complete tables for the different frequency bands using multi-layer inductors.
Using PA settings from 0x61 to 0x6F is not allowed. Table 5-11 contains output power and current
consumption for default PATABLE setting (0xC6). The measurements are done on SWRR045.
NOTE
All content of the PATABLE except for the first byte (index 0) is lost when entering the
SLEEP state.
Table 5-8. Optimum PATABLE Settings for Various Output Power Levels Using Wire-Wound Inductors in
868- and 915-MHz Frequency Bands
868 MHz
915 MHz
Current Consumption,
Current Consumption,
Output Power [dBm]
Setting
Setting
Typ. [mA]
Typ. [mA]
12/11
0xC0
34.2
0xC0
33.4
10
0xC5
30.0
0xC3
30.7
7
0xCD
25.8
0xCC
25.7
5
0x86
19.9
0x84
20.2
0
0x50
16.8
0x8E
17.2
−6
0x37
16.4
0x38
17.0
−10
0x26
14.5
0x27
14.8
−15
0x1D
13.3
0x1E
13.3
−20
0x17
12.6
0x0E
12.5
−30
0x03
12.0
0x03
11.9
Table 5-9. Output Power and Current Consumption for Default PATABLE Setting Using Wire-Wound
Inductors in 868- and 915-MHz Frequency Bands
868 MHz
915 MHz
Default Power Setting
Output Power [dBm]
Current Consumption,
Output Power [dBm]
Current Consumption,
Typ. [mA]
Typ. [mA]
0xC6
9.6
29.4
8.9
28.7
36
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com