Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 52 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 48Page - Texas Instruments CC115LRGPR Datasheet HTML 49Page - Texas Instruments CC115LRGPR Datasheet HTML 50Page - Texas Instruments CC115LRGPR Datasheet HTML 51Page - Texas Instruments CC115LRGPR Datasheet HTML 52Page - Texas Instruments CC115LRGPR Datasheet HTML 53Page - Texas Instruments CC115LRGPR Datasheet HTML 54Page - Texas Instruments CC115LRGPR Datasheet HTML 55Page - Texas Instruments CC115LRGPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
DEVIATION _ E
XOSC
dev
17
ƒ
ƒ
(8 DEVIATION _ M) 2
2
=
×
+
×
CHANSPC _ E
XOSC
CHANNEL
18
ƒ
ƒ
(256
CHANSPC _ M) 2
2
D
=
×
+
×
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-34. 0x14: MDMCFG0 - Modem Configuration
Bit
Field Name
Reset
R/W
Description
8-bit mantissa of channel spacing. The channel spacing is
multiplied by the channel number CHAN and added to the
base frequency. It is unsigned and has the format:
7:0
CHANSPC_M[7:0]
248 (0xF8)
R/W
The default values give 199.951 kHz channel spacing (the
closest setting to 200 kHz), assuming 26.0 MHz crystal
frequency.
Table 5-35. 0x15: DEVIATN - Modem Deviation Setting
Bit
Field Name
Reset
R/W
Description
7
R0
Not used.
6:4
DEVIATION_E[2:0]
4 (100)
R/W
Deviation exponent.
3
R0
Not used.
Specifies the nominal frequency deviation
from the carrier for a '0' (-DEVIATN) and '1'
(+DEVIATN) in a mantissa- exponent
format, interpreted as a 4-bit value with
MSB implicit 1. The resulting frequency
2-FSK/GFSK/4-
deviation is given by:
FSK
2:0
DEVIATION_M[2:0]
7 (111)
R/W
The default values give ±47.607 kHz
deviation assuming 26.0 MHz crystal
frequency.
OOK
This setting has no effect
Table 5-36. 0x17: MCSM1 - Main Radio Control State Machine Configuration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
5:2
3 (1100)
R/W
Use setting from SmartRF Studio SWRC176
Select what should happen when a packet has been sent
Setting
Next state after finishing packet transmission
0 (00)
IDLE
1:0
TXOFF_MODE[1:0]
0 (00)
R/W
1 (01)
FSTXON
2 (10)
Stay in TX (start sending preamble)
3 (11)
Reserved
52
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com