Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 8 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 4Page - Texas Instruments CC115LRGPR Datasheet HTML 5Page - Texas Instruments CC115LRGPR Datasheet HTML 6Page - Texas Instruments CC115LRGPR Datasheet HTML 7Page - Texas Instruments CC115LRGPR Datasheet HTML 8Page - Texas Instruments CC115LRGPR Datasheet HTML 9Page - Texas Instruments CC115LRGPR Datasheet HTML 10Page - Texas Instruments CC115LRGPR Datasheet HTML 11Page - Texas Instruments CC115LRGPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
4.5
Current Consumption
TA = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using SWRR046 and
SWRR045.
spacer
Parameter
Min
Typ
Max
Unit
Condition
Voltage regulator to digital part off, register values retained
0.2
1
µA
(SLEEP state). All GDO pins programmed to 0x2F (HW to
0)
Current consumption
Voltage regulator to digital part off, register values
in power down modes
100
µA
retained, XOSC running (SLEEP state with
MCSM0.OSC_FORCE_ON set)
Voltage regulator to digital part on, all other modules in
165
µA
power down (XOFF state)
Only voltage regulator to digital part and crystal oscillator
1.7
mA
running (IDLE state)
Only the frequency synthesizer is running (FSTXON state).
Current consumption
This current consumption is also representative for the
8.4
mA
other intermediate states when going from IDLE to TX,
including the calibration state
27.4
mA
Transmit mode, +10 dBm output power
Current consumption,
15.0
mA
Transmit mode, 0 dBm output power
315 MHz
12.3
mA
Transmit mode, –6 dBm output power
29.2
mA
Transmit mode, +10 dBm output power
Current consumption,
16.0
mA
Transmit mode, 0 dBm output power
433 MHz
13.1
mA
Transmit mode, –6 dBm output power
34.2
mA
Transmit mode, +12 dBm output power, 868 MHz
30.0
mA
Transmit mode, +10 dBm output power, 868 MHz
16.8
mA
Transmit mode, 0 dBm output power, 868 MHz
16.4
mA
Transmit mode, –6 dBm output power, 868 MHz.
Current consumption,
868/915 MHz
33.4
mA
Transmit mode, +11 dBm output power, 915 MHz
30.7
mA
Transmit mode, +10 dBm output power, 915 MHz
17.2
mA
Transmit mode, 0 dBm output power, 915 MHz
17.0
mA
Transmit mode, –6 dBm output power, 915 MHz
4.5.1
Typical TX Current Consumption over Temperature and Supply Voltage, 868 MHz
Supply Voltage
Supply Voltage
Supply Voltage
VDD = 1.8 V
VDD = 3.0 V
VDD = 3.6 V
Temperature [°C]
−40
25
85
−40
25
85
−40
25
85
Current [mA], PATABLE=0xC0, +12 dBm
32.7
31.5
30.5
35.3
34.2
33.3
35.5
34.4
33.5
Current [mA], PATABLE=0xC5, +10 dBm
30.1
29.2
28.3
30.9
30.0
29.4
31.1
30.3
29.6
Current [mA], PATABLE=0x50, 0 dBm
16.4
16.0
15.6
17.3
16.8
16.4
17.6
17.1
16.7
4.5.2
Typical TX Current Consumption over Temperature and Supply Voltage, 915 MHz
Supply Voltage
Supply Voltage
Supply Voltage
VDD = 1.8 V
VDD = 3.0 V
VDD = 3.6 V
Temperature [°C]
−40
25
85
−40
25
85
−40
25
85
Current [mA], PATABLE=0xC0, +11 dBm
31.9
30.7
29.8
34.6
33.4
32.5
34.8
33.6
32.7
Current [mA], PATABLE=0xC3, +10 dBm
30.9
29.8
28.9
31.7
30.7
30.0
31.9
31.0
30.2
Current [mA], PATABLE=0x8E, 0 dBm
17.2
16.8
16.4
17.6
17.2
16.9
17.8
17.4
17.1
8
Specifications
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com