Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 48 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 44Page - Texas Instruments CC115LRGPR Datasheet HTML 45Page - Texas Instruments CC115LRGPR Datasheet HTML 46Page - Texas Instruments CC115LRGPR Datasheet HTML 47Page - Texas Instruments CC115LRGPR Datasheet HTML 48Page - Texas Instruments CC115LRGPR Datasheet HTML 49Page - Texas Instruments CC115LRGPR Datasheet HTML 50Page - Texas Instruments CC115LRGPR Datasheet HTML 51Page - Texas Instruments CC115LRGPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-20. 0x03: FIFOTHR - TX FIFO Thresholds
Bit
Field Name
Reset
R/W
Description
7:4
0
R/W
Use setting from SmartRF Studio
Set the threshold for the TX FIFO. The threshold is
exceeded when the number of bytes in the TX FIFO is
equal to or higher than the threshold value.
Setting
Bytes in TX FIFO
0 (0000)
61
1 (0001)
57
2 (0010)
53
3 (0011)
49
4 (0100)
45
5 (0101)
41
3:0
FIFO_THR[3:0]
7 (0111)
R/W
6 (0110)
37
7 (0111)
33
8 (1000)
29
9 (1001)
25
10 (1010)
21
11 (1011)
17
12 (1100)
13
13 (1101)
9
14 (1110)
5
15 (1111)
1
Table 5-21. 0x04: SYNC1 - Sync Word, High Byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[15:8]
211 (0xD3)
R/W
8 MSB of 16-bit sync word
Table 5-22. 0x05: SYNC0 - Sync Word, Low Byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[7:0]
145 (0x91)
R/W
8 LSB of 16-bit sync word
Table 5-23. 0x06: PKTLEN - Packet Length
Bit
Field Name
Reset
R/W
Description
Indicates the packet length when fixed packet length mode
7:0
PACKET_LENGTH
255 (0xFF)
R/W
is enabled. This value must be different from 0.
Table 5-24. 0x08: PKTCTRL0 - Packet Automation Control
Bit
Field Name
Reset
R/W
Description
7
R0
Not used
6
1
R/W
Use setting from SmartRF Studio
48
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com