Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 61 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 57Page - Texas Instruments CC115LRGPR Datasheet HTML 58Page - Texas Instruments CC115LRGPR Datasheet HTML 59Page - Texas Instruments CC115LRGPR Datasheet HTML 60Page - Texas Instruments CC115LRGPR Datasheet HTML 61Page - Texas Instruments CC115LRGPR Datasheet HTML 62Page - Texas Instruments CC115LRGPR Datasheet HTML 63Page - Texas Instruments CC115LRGPR Datasheet HTML 64Page - Texas Instruments CC115LRGPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
6.7
PCB Layout Recommendations
The top layer should be used for signal routing, and the open areas should be filled with metallization
connected to ground using several vias.
The area under the chip is used for grounding and shall be connected to the bottom ground plane with
several vias for good thermal performance and sufficiently low inductance to ground.
In SWRR081 and SWRR082, 5 vias are placed inside the exposed die attached pad. These vias should
be “tented” (covered with solder mask) on the component side of the PCB to avoid migration of solder
through the vias during the solder reflow process.
The solder paste coverage should not be 100%. If it is, out gassing may occur during the reflow process,
which may cause defects (splattering, solder balling). Using “tented” vias reduces the solder paste
coverage below 100%. See Figure 6-3 for top solder resist and top paste masks.
Each decoupling capacitor should be placed as close as possible to the supply pin it is supposed to
decouple. Each decoupling capacitor should be connected to the power line (or power plane) by separate
vias. The best routing is from the power line (or power plane) to the decoupling capacitor and then to the
CC115L supply pin. Supply power filtering is very important.
Each decoupling capacitor ground pad should be connected to the ground plane by separate vias. Direct
connections between neighboring power pins will increase noise coupling and should be avoided unless
absolutely necessary. Routing in the ground plane underneath the chip or the balun/RF matching circuit,
or between the chip's ground vias and the decoupling capacitor's ground vias should be avoided. This
improves the grounding and ensures the shortest possible current return path.
Avoid routing digital signals with sharp edges close to XOSC_Q1 PCB track or underneath the crystal Q1
pad as this may shift the crystal dc operating point and result in duty cycle variation.
The external components should ideally be as small as possible (0402 is recommended) and surface
mount devices are highly recommended. Components with different sizes than those specified may have
differing characteristics.
Precaution should be used when placing the microcontroller in order to avoid noise interfering with the RF
circuitry.
A CC11xL Development Kit with a fully assembled CC115L Evaluation Module is available. It is strongly
advised that this reference layout is followed very closely in order to get the best performance. The
schematic, BOM and layout Gerber files are all available from the TI website (SWRR081 and SWRR082).
Figure 6-3. Left: Top Solder Resist Mask (Negative) – Right: Top Paste Mask. Circles are Vias
Copyright © 2011–2014, Texas Instruments Incorporated
Applications, Implementation, and Layout
61
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com