Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 43 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 39Page - Texas Instruments CC115LRGPR Datasheet HTML 40Page - Texas Instruments CC115LRGPR Datasheet HTML 41Page - Texas Instruments CC115LRGPR Datasheet HTML 42Page - Texas Instruments CC115LRGPR Datasheet HTML 43Page - Texas Instruments CC115LRGPR Datasheet HTML 44Page - Texas Instruments CC115LRGPR Datasheet HTML 45Page - Texas Instruments CC115LRGPR Datasheet HTML 46Page - Texas Instruments CC115LRGPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
5.19 Configuration Registers
The configuration of CC115L is done by programming 8-bit registers. The optimum configuration data
based on selected system parameters are most easily found by using the SmartRF Studio software
SWRC176. Complete descriptions of the registers are given in the following tables. After chip reset, all the
registers have default values as shown in the tables. The optimum register setting might differ from the
default value. After a reset, all registers that shall be different from the default value therefore needs to be
programmed through the SPI interface.
There are 9 command strobe registers, listed in Table 5-13. Accessing these registers will initiate the
change of an internal state or mode. There are 34 normal 8-bit configuration registers listed in Table 5-14
and SmartRF Studio SWRC176 will provide recommended settings for these registers (Addresses marked
as “Not Used” can be part of a burst access and one can write a dummy value to them. Addresses
marked as “Reserved” must be configured according to SmartRF Studio SWRC176).
There are also 5 status registers that are listed in Table 5-15. These registers, which are read-only,
contain information about the status of CC115L.
The TX FIFO is accessed through one 8-bit register. During the header byte transfer and while writing
data to a register or the TX FIFO, a status byte is returned on the SO line. This status byte is described in
Table 5-2.
Table 5-16 summarizes the SPI address space. The address to use is given by adding the base address
to the left and the burst and read/write bits on the top. Note that the burst bit has different meaning for
base addresses above and below 0x2F.
Table 5-13. Command Strobes
Address
Strobe Name
Description
0x30
SRES
Reset chip.
Enable and calibrate frequency synthesizer
0x31
SFSTXON
(if MCSM0.FS_AUTOCAL=1).
0x32
SXOFF
Turn off crystal oscillator.
Calibrate frequency synthesizer and turn it
off. SCAL can be strobed from IDLE mode
0x33
SCAL
without setting manual calibration mode (
MCSM0.FS_AUTOCAL=0)
0x34
Reserved
In IDLE state: Enable TX. Perform calibration
0x35
STX
first if MCSM0.FS_AUTOCAL=1.
0x36
SIDLE
Enter IDLE state
0x37 - 0x38
Reserved
Enter power down mode when CSn goes
0x39
SPWD
high.
0x3A
Reserved
Flush the TX FIFO buffer. Only issue SFTX
0x3B
SFTX
in IDLE or TXFIFO_UNDERFLOW states.
0x3C
Reserved
No operation. May be used to get access to
0x3D
SNOP
the chip status byte.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
43
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com